Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV722MM Datasheet(PDF) 13 Page - Texas Instruments

Part # LMV722MM
Description  LMV721-N/LMV722 10MHz, Low Noise, Low Voltage, and Low Power Operational Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV722MM Datasheet(HTML) 13 Page - Texas Instruments

Back Button LMV722MM Datasheet HTML 9Page - Texas Instruments LMV722MM Datasheet HTML 10Page - Texas Instruments LMV722MM Datasheet HTML 11Page - Texas Instruments LMV722MM Datasheet HTML 12Page - Texas Instruments LMV722MM Datasheet HTML 13Page - Texas Instruments LMV722MM Datasheet HTML 14Page - Texas Instruments LMV722MM Datasheet HTML 15Page - Texas Instruments LMV722MM Datasheet HTML 16Page - Texas Instruments LMV722MM Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
LMV721-N, LMV722-N
www.ti.com
SNOS414I – AUGUST 1999 – REVISED AUGUST 2013
Figure 31. Simple Low-Pass Active Filter
(5)
Figure 32. Frequency Response of Simple Low-pass Active Filter in Figure 31
Note that the single-op-amp active filters are used in to the applications that require low quality factor, Q(
≤ 10),
low frequency (
≤ 5KHz), and low gain (≤ 10), or a small value for the product of gain times Q(≤ 100). The op amp
should have an open loop voltage gain at the highest frequency of interest at least 50 times larger than the gain
of the filter at this frequency. In addition, the selected op amp should have a slew rate that meets the following
requirement:
Slew Rate
≥ 0.5 x (ωH VOPP) X 10
−6V/µsec
where
•
ωH is the highest frequency of interest
•
VOPP is the output peak-to-peak voltage
Figure 33. A Battery Powered Microphone Preamplifier
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LMV721-N LMV722-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com