Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS4229IRGC25 Datasheet(PDF) 29 Page - Texas Instruments

Part # ADS4229IRGC25
Description  Dual-Channel, 12-Bit, 250-MSPS Ultralow-Power ADC
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS4229IRGC25 Datasheet(HTML) 29 Page - Texas Instruments

Back Button ADS4229IRGC25 Datasheet HTML 25Page - Texas Instruments ADS4229IRGC25 Datasheet HTML 26Page - Texas Instruments ADS4229IRGC25 Datasheet HTML 27Page - Texas Instruments ADS4229IRGC25 Datasheet HTML 28Page - Texas Instruments ADS4229IRGC25 Datasheet HTML 29Page - Texas Instruments ADS4229IRGC25 Datasheet HTML 30Page - Texas Instruments ADS4229IRGC25 Datasheet HTML 31Page - Texas Instruments ADS4229IRGC25 Datasheet HTML 32Page - Texas Instruments ADS4229IRGC25 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 67 page
background image
ADS4229
www.ti.com
SBAS550B – JUNE 2011 – REVISED AUGUST 2012
Register Address 45h (Default = 00h)
7
6
5
4
3
2
1
0
LVDS CLKOUT
LVDS DATA
STBY
0
0
PDN GLOBAL
0
0
STRENGTH
STRENGTH
Bit 7
STBY: Standby setting
0 = Normal operation
1 = Both channels are put in standby; wakeup time from this mode is fast (typically 50 µs).
Bit 6
LVDS CLKOUT STRENGTH: LVDS output clock buffer strength setting
0 = LVDS output clock buffer at default strength to be used with 100-
Ω external termination
1 = LVDS output clock buffer has double strength to be used with 50-
Ω external termination
Bit 5
LVDS DATA STRENGTH
0 = All LVDS data buffers at default strength to be used with 100-
Ω external termination
1 = All LVDS data buffers have double strength to be used with 50-
Ω external termination
Bits[4:3]
Always write '0'
Bit 2
PDN GLOBAL
0 = Normal operation
1 = Total power down; all ADC channels, internal references, and output buffers are powered
down. Wakeup time from this mode is slow (typically 100 µs).
Bits[1:0]
Always write '0'
Register Address 4Ah (Default = 00h)
7
6
5
4
3
2
1
0
0
0
0
0
0
0
0
HIGH FREQ MODE CH B
Bits[7:1]
Always write '0'
Bit 0
HIGH FREQ MODE CH B: High-frequency mode for channel B
0 = Default
1 = Use this mode for high input frequencies greater than 200 MHz
Register Address 58h (Default = 00h)
7
6
5
4
3
2
1
0
0
0
0
0
0
0
0
HIGH FREQ MODE CH A
Bits[7:1]
Always write '0'
Bit 0
HIGH FREQ MODE CH A: High-frequency mode for channel A
0 = Default
1 = Use this mode for high input frequencies greater than 200 MHz
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Links: ADS4229



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com