Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM7321 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LM7321
Description  Dual Rail-to-Rail Input/Output 15V, High Output Current and Unlimited Capacitive Load Operational Amplifier
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM7321 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM7321 Datasheet HTML 6Page - Texas Instruments LM7321 Datasheet HTML 7Page - Texas Instruments LM7321 Datasheet HTML 8Page - Texas Instruments LM7321 Datasheet HTML 9Page - Texas Instruments LM7321 Datasheet HTML 10Page - Texas Instruments LM7321 Datasheet HTML 11Page - Texas Instruments LM7321 Datasheet HTML 12Page - Texas Instruments LM7321 Datasheet HTML 13Page - Texas Instruments LM7321 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
0
10
20
30
40
-2.5
-2.3
-2.1
-1.9
-1.7
-1.5
-1.3
-1.1
VS (V)
-40°C
25°C
85°C
125°C
VCM = V
-
+0.5V
0
5
10
15
20
25
30
35
40
VS (V)
-0.7
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0
VCM = V
-
+0.5V
85°C
125°C
-40°C
25°C
-20 -15
-10
-5
0
5
10
15
20
-1
0
VCM (V)
-0.9
-0.8
-0.7
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
VS = ±15V
-40°C
25°C
85°C
125°C
-20 -15
-10
-5
0
5
10
15
20
-2.5
-0.5
VCM (V)
-2.3
-2.1
-1.9
-1.7
-1.5
-1.3
-1.1
-0.9
-0.7
VS = ±15V
-40°C
25°C
85°C
125°C
-6
-4
-2
0
2
4
6
VCM (V)
-2.5
-2.25
-2
-1.75
-1.5
-1.25
-1
-0.75
-0.5
-40°C
25°C
85°C
125°C
VS = ±5V
-20
-15
-10
-5
0
5
10
15
20
VCM (V)
-2.25
-2
-1.75
-1.5
-1.25
-1
VS = ±15V
-40°C
25°C
85°C
125°C
LM7321, LM7322
SNOSAW8D – MAY 2008 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics (continued)
Unless otherwise specified: TA = 25°C.
VOS vs. VCM (Unit 2)
VOS vs. VCM (Unit 1)
Figure 18.
Figure 19.
VOS vs. VCM (Unit 2)
VOS vs. VCM (Unit 3)
Figure 20.
Figure 21.
VOS vs. VS (Unit 1)
VOS vs. VS (Unit 2)
Figure 22.
Figure 23.
10
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LM7321 LM7322



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com