Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

64GA004 Datasheet(PDF) 11 Page - Microchip Technology

Part # 64GA004
Description  28/44-Pin General Purpose, 16-Bit Flash Microcontrollers
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

64GA004 Datasheet(HTML) 11 Page - Microchip Technology

Back Button 64GA004 Datasheet HTML 7Page - Microchip Technology 64GA004 Datasheet HTML 8Page - Microchip Technology 64GA004 Datasheet HTML 9Page - Microchip Technology 64GA004 Datasheet HTML 10Page - Microchip Technology 64GA004 Datasheet HTML 11Page - Microchip Technology 64GA004 Datasheet HTML 12Page - Microchip Technology 64GA004 Datasheet HTML 13Page - Microchip Technology 64GA004 Datasheet HTML 14Page - Microchip Technology 64GA004 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 268 page
background image
 2010 Microchip Technology Inc.
DS39881D-page 11
PIC24FJ64GA004 FAMILY
TABLE 1-1:
DEVICE FEATURES FOR THE PIC24FJ64GA004 FAMILY
Features
Operating Frequency
DC – 32 MHz
Program Memory (bytes)
16K
32K
48K
64K
16K
32K
48K
64K
Program Memory (instructions)
5,504
11,008
16,512
22,016
5,504
11,008
16,512
22,016
Data Memory (bytes)
4096
8192
4096
8192
Interrupt Sources
(soft vectors/NMI traps)
43
(39/4)
I/O Ports
Ports A, B
Ports A, B, C
Total I/O Pins
21
35
Timers:
Total Number (16-bit)
5(1)
32-Bit (from paired 16-bit timers)
2
Input Capture Channels
5(1)
Output Compare/PWM Channels
5(1)
Input Change Notification Interrupt
21
30
Serial Communications:
UART
2(1)
SPI (3-wire/4-wire)
2(1)
I2C™
2
Parallel Communications (PMP/PSP)
Yes
JTAG Boundary Scan
Yes
10-Bit Analog-to-Digital Module
(input channels)
10
13
Analog Comparators
2
Remappable Pins
16
26
Resets (and delays)
POR, BOR, RESET Instruction, MCLR, WDT, Illegal Opcode,
REPEAT
Instruction, Hardware Traps, Configuration Word Mismatch
(PWRT, OST, PLL Lock)
Instruction Set
76 Base Instructions, Multiple Addressing Mode Variations
Packages
28-Pin SPDIP/SSOP/SOIC/QFN
44-Pin QFN/TQFP
Note 1:
Peripherals are accessible through remappable pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com