Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5109ASD Datasheet(PDF) 3 Page - Texas Instruments

Part # LM5109ASD
Description  LM5109A High Voltage 1A Peak Half Bridge Gate Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5109ASD Datasheet(HTML) 3 Page - Texas Instruments

  LM5109ASD Datasheet HTML 1Page - Texas Instruments LM5109ASD Datasheet HTML 2Page - Texas Instruments LM5109ASD Datasheet HTML 3Page - Texas Instruments LM5109ASD Datasheet HTML 4Page - Texas Instruments LM5109ASD Datasheet HTML 5Page - Texas Instruments LM5109ASD Datasheet HTML 6Page - Texas Instruments LM5109ASD Datasheet HTML 7Page - Texas Instruments LM5109ASD Datasheet HTML 8Page - Texas Instruments LM5109ASD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LM5109A
www.ti.com
SNVS412A – APRIL 2006 – REVISED MARCH 2013
PIN DESCRIPTIONS (continued)
Pin #
NAME
DESCRIPTION
APPLICATION INFORMATION
SOIC
WSON(1)
Connect the positive terminal of the bootstrap capacitor to HB and
High side gate driver positive
8
8
HB
the negative terminal of the bootstrap capacitor to HS. The bootstrap
supply rail
capacitor should be placed as close to IC as possible.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
VDD to VSS
–0.3V to 18V
HB to HS
−0.3V to 18V
LI or HI to VSS
−0.3V to VDD + 0.3V
LO to VSS
−0.3V to VDD + 0.3V
HO to VSS
VHS − 0.3V to VHB + 0.3V
HS to VSS
(3)
−5V to 90V
HB to VSS
108V
Junction Temperature
–40°C to 150°C
Storage Temperature Range
−55°C to 150°C
ESD Rating HBM(4)
1.5 kV
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the component may occur. Operating Ratings are conditions under
which operation of the device is specified. Operating Ratings do not imply performance limits. For performance limits and associated test
conditions, see the Electrical Characteristics .
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(3)
In the application the HS node is clamped by the body diode of the external lower N-MOSFET, therefore the HS voltage will generally
not exceed –1V. However in some applications, board resistance and inductance may result in the HS node exceeding this stated
voltage transiently. If negative transients occur on HS, the HS voltage must never be more negative than VDD – 15V. For example, if
VDD = 10V, the negative transients at HS must not exceed –5V.
(4)
The human body model is a 100 pF capacitor discharged through a 1.5k
Ω resistor into each pin.
Recommended Operating Conditions
VDD
8V to 14V
HS(1)
−1V to 90V
HB
VHS + 8V to VHS + 14V
HS Slew Rate
< 50 V/ns
Junction Temperature
−40°C to 125°C
(1)
In the application the HS node is clamped by the body diode of the external lower N-MOSFET, therefore the HS voltage will generally
not exceed –1V. However in some applications, board resistance and inductance may result in the HS node exceeding this stated
voltage transiently. If negative transients occur on HS, the HS voltage must never be more negative than VDD – 15V. For example, if
VDD = 10V, the negative transients at HS must not exceed –5V.
Electrical Characteristics
Specifications in standard typeface are for TJ = 25°C, and those in boldface type apply over the full operating junction
temperature range. Unless otherwise specified, VDD = VHB = 12V, VSS = VHS = 0V, No Load on LO or HO
(1).
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Supply Currents
IDD
VDD quiescent current
LI = HI = 0V
0.3
0.6
mA
IDDO
VDD operating current
f = 500 kHz
1.8
2.9
mA
IHB
Total HB quiescent current
LI = HI = 0V
0.06
0.2
mA
IHBO
Total HB operating current
f = 500 kHz
1.4
2.8
mA
(1)
Minimum and maximum limits are 100% production tested at 25°C. Limits over the operating temperature range are specified through
correlation using Statistical Quality Control (SQC) methods. Limits are used to calculate Average Outgoing Quality Level (AOQL).
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM5109A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com