Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3405AXMY Datasheet(PDF) 21 Page - Texas Instruments

Part # LM3405AXMY
Description  LM3405A 1.6MHz, 1A Constant Current Buck LED Driver with Internal ensation in Tiny SOT and VSSOP PowerPAD Packages
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3405AXMY Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM3405AXMY Datasheet HTML 17Page - Texas Instruments LM3405AXMY Datasheet HTML 18Page - Texas Instruments LM3405AXMY Datasheet HTML 19Page - Texas Instruments LM3405AXMY Datasheet HTML 20Page - Texas Instruments LM3405AXMY Datasheet HTML 21Page - Texas Instruments LM3405AXMY Datasheet HTML 22Page - Texas Instruments LM3405AXMY Datasheet HTML 23Page - Texas Instruments LM3405AXMY Datasheet HTML 24Page - Texas Instruments LM3405AXMY Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
LM3405A
VIN
VIN
EN/DIM
BOOST
SW
FB
GND
C3
D1
D2
D3
C1
DC or
PWM
L1
C2
R1
IF
LED1
C4
VOUT
LM3405A
www.ti.com
SNVS508C – OCTOBER 2007 – REVISED MAY 2013
Figure 29. VBOOST derived from VIN through a Series Zener Diode (D3)
(VIN = 15V, IF = 1A)
Table 6. Bill of Materials for Figure 29
Part ID
Part Value
Part Number
Manufacturer
U1
1A LED Driver
LM3405A
Texas Instruments
C1, Input Cap
10µF, 25V, X5R
ECJ-3YB1E106K
Panasonic
C2, Output Cap
1µF, 10V, X7R
GRM319R71A105KC01D
Murata
C3, Boost Cap
0.01µF, 16V, X7R
0805YC103KAT2A
AVX
C4, Feedforward Cap
1µF, 10V, X7R
GRM319R71A105KC01D
Murata
D1, Catch Diode
Schottky, 0.5V at 1A, VR = 30V
SS13
Vishay
D2, Boost Diode
Schottky, 0.36V at 15mA
CMDSH-3
Central Semiconductor
D3, Zener Diode
11V, 350mW, SOT-23
BZX84C11
Fairchild
L1
6.8µH, 1.5A
SLF6028T-6R8M1R5
TDK
R1
0.2
Ω, 0.5W, 1%
WSL2010R2000FEA
Vishay
LED1
1.5A, White LED
LXK2-PW14
Lumileds
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM3405A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com