Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3402 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LM3402
Description  0.5A Constant Current Buck Regulator for Driving High Power LEDs
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3402 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM3402 Datasheet HTML 17Page - Texas Instruments LM3402 Datasheet HTML 18Page - Texas Instruments LM3402 Datasheet HTML 19Page - Texas Instruments LM3402 Datasheet HTML 20Page - Texas Instruments LM3402 Datasheet HTML 21Page - Texas Instruments LM3402 Datasheet HTML 22Page - Texas Instruments LM3402 Datasheet HTML 23Page - Texas Instruments LM3402 Datasheet HTML 24Page - Texas Instruments LM3402 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
VIN
LM3402
GND
80V
VIN
Module
Connector
Module
Connector
TVS
CIN
Board Trace
Inductance
LM3402, LM3402HV
www.ti.com
SNVS450E – SEPTEMBER 2006 – REVISED MAY 2013
VIN PIN PROTECTION
The VIN pin also has an ESD structure from the pin to GND with a breakdown voltage of approximately 80V. Any
transient that exceeds this voltage may damage the device. Although transient absorption is usually present at
the front end of a switching converter circuit, damage to the VIN pin can still occur.
When VIN is hot swapped in, the current that rushes in to charge CIN up to the VIN value also charges (energizes)
the circuit board trace inductance as shown in Figure 28. The excited trace inductance then resonates with the
input capacitance (similar to an under-damped LC tank circuit) and causes voltages at the VIN pin to rise well in
excess of both VIN and the voltage at the module input connector as clamped by the input TVS. If the resonating
voltage at the VIN pin exceeds the 80V breakdown voltage of the ESD structure, the ESD structure will activate
and then “snap-back” to a lower voltage due to its inherent design. If this lower snap-back voltage is less than
the applied nominal VIN voltage, then significant current will flow through the ESD structure resulting in the IC
being damaged.
An additional TVS or small zener diode should be placed as close as possible to the VIN pins of each IC on the
board, in parallel with the input capacitor as shown in Figure 29. A minor amount of series resistance in the input
line would also help, but would lower overall conversion efficiency. For this reason, NTC resistors are often used
as inrush limiters instead.
Figure 28. VIN Pin with Typical Input Protection
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM3402 LM3402HV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com