Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F1503 Datasheet(PDF) 78 Page - Microchip Technology

Part # PIC16F1503
Description  14-Pin Flash, 8-Bit Microcontrollers
PDF  340 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1503 Datasheet(HTML) 78 Page - Microchip Technology

Back Button PIC16F1503 Datasheet HTML 74Page - Microchip Technology PIC16F1503 Datasheet HTML 75Page - Microchip Technology PIC16F1503 Datasheet HTML 76Page - Microchip Technology PIC16F1503 Datasheet HTML 77Page - Microchip Technology PIC16F1503 Datasheet HTML 78Page - Microchip Technology PIC16F1503 Datasheet HTML 79Page - Microchip Technology PIC16F1503 Datasheet HTML 80Page - Microchip Technology PIC16F1503 Datasheet HTML 81Page - Microchip Technology PIC16F1503 Datasheet HTML 82Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 340 page
background image
PIC16(L)F1503
DS41607A-page 78
Preliminary
 2011 Microchip Technology Inc.
TABLE 8-1:
SUMMARY OF REGISTERS ASSOCIATED WITH POWER-DOWN MODE
REGISTER 8-1:
VREGCON: VOLTAGE REGULATOR CONTROL REGISTER(1)
U-0
U-0
U-0
U-0
U-0
U-0
R/W-0/0
R/W-1/1
—
—
—
—
—
—VREGPM
Reserved
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7-2
Unimplemented: Read as ‘0’
bit 1
VREGPM: Voltage Regulator Power Mode Selection bit
1 = Low-Power Sleep mode enabled in Sleep
Draws lowest current in Sleep, slower wake-up
0 = Normal Power mode enabled in Sleep
Draws higher current in Sleep, faster wake-up
bit 0
Reserved: Read as ‘1’. Maintain this bit set.
Note 1:
PIC16F1503 only.
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register on
Page
INTCON
GIE
PEIE
TMR0IE
INTE
IOCIE
TMR0IF
INTF
IOCIF
66
IOCAF
—
—
IOCAF5
IOCAF4
IOCAF3
IOCAF2
IOCAF1
IOCAF0
111
IOCAN
—
—
IOCAN5
IOCAN4
IOCAN3
IOCAN2
IOCAN1
IOCAN0
111
IOCAP
—
—
IOCAP5
IOCAP4
IOCAP3
IOCAP2
IOCAP1
IOCAP0
111
PIE1
TMR1GIE
ADIE
—
—
SSP1IE
—
TMR2IE
TMR1IE
67
PIE2
—
C2IE
C1IE
—
BCLIE
NCO1IE
—
—
68
PIE3
—
—
—
—
—
—
CLC2IE
CLC1IE
69
PIR1
TMR1GIF
ADIF
—
—
SSP1IF
—
TMR2IF
TMR1IF
70
PIR2
—
C2IF
C1IF
—
BCL1IF
NCO1IF
—
—
71
PIR3
—
—
—
—
—
—
CLC2IF
CLC1IF
72
STATUS
—
—
—TO
PD
Z
DC
C
18
WDTCON
—
—
WDTPS<4:0>
SWDTEN
81
Legend: — = unimplemented, read as ‘0’. Shaded cells are not used in Power-Down mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com