Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6041T-E/OT Datasheet(PDF) 35 Page - Microchip Technology

Part # MCP6041T-E/OT
Description  600 nA, Rail-to-Rail Input/Output Op Amps
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6041T-E/OT Datasheet(HTML) 35 Page - Microchip Technology

Back Button MCP6041T-E/OT Datasheet HTML 31Page - Microchip Technology MCP6041T-E/OT Datasheet HTML 32Page - Microchip Technology MCP6041T-E/OT Datasheet HTML 33Page - Microchip Technology MCP6041T-E/OT Datasheet HTML 34Page - Microchip Technology MCP6041T-E/OT Datasheet HTML 35Page - Microchip Technology MCP6041T-E/OT Datasheet HTML 36Page - Microchip Technology MCP6041T-E/OT Datasheet HTML 37Page - Microchip Technology MCP6041T-E/OT Datasheet HTML 38Page - Microchip Technology MCP6041T-E/OT Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 40 page
background image
 2001-2013 Microchip Technology Inc.
DS21669D-page 35
MCP6041/2/3/4
APPENDIX A: REVISION HISTORY
Revision D (March 2013)
The following is the list of modifications:
1.
Updated the boards list in
Section 5.4 “Analog
Demonstration and Evaluation Boards”.
2.
Removed
the
Mindi™ Circuit Designer &
Simulator section.
3.
Updated the E-Temp Code value for the 5-Lead
SOT-23 package in
Section 6.0 “Packaging
Information”.
Revision C (February 2008)
The following is the list of modifications:
1.
Updated Figure 2-4 and Figure 2-5.
2.
Updated trademark and Sales listing pages.
3.
Expanded this op amp family:
4.
Added the SOT-23-6 package for the MCP6043
op amp with Chip Select.
5.
Added
Extended
Temperature
(-40°C
to
+125°C) parts.
6.
Expanded Analog Input Absolute Max Voltage
Range (applies retroactively).
7.
Expanded operating VDD to a maximum of 6.0V.
8.
Section 1.0
“Electrical
Characteristics”
updated.
9.
Section 2.0 “Typical Performance Curves”
updated.
10.
Section 3.0 “Pin Descriptions” added.
11.
Section 4.0“ApplicationsInformation”added.
12. Added
Section 4.7 “Unused Op Amps”.
13. Updated input stage explanation.
14.
Section 5.0 “Design Aids” updated.
15.
Section 6.0“PackagingInformation” updated.
16. Added SOT-23-6 package.
17. Corrected package marking information.
18.
Appendix A: “Revision History” added.
Revision B (June 2002)
The following is the list of modifications.
• Undocumented changes.
Revision A (August 2001)
• Original data sheet release.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com