Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM1877 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM1877
Description  LM1877 Dual Audio Power Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM1877 Datasheet(HTML) 2 Page - Texas Instruments

  LM1877 Datasheet HTML 1Page - Texas Instruments LM1877 Datasheet HTML 2Page - Texas Instruments LM1877 Datasheet HTML 3Page - Texas Instruments LM1877 Datasheet HTML 4Page - Texas Instruments LM1877 Datasheet HTML 5Page - Texas Instruments LM1877 Datasheet HTML 6Page - Texas Instruments LM1877 Datasheet HTML 7Page - Texas Instruments LM1877 Datasheet HTML 8Page - Texas Instruments LM1877 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
LM1877
SNAS550B – FEBRUARY 1995 – REVISED APRIL 2013
www.ti.com
Equivalent Schematic Diagram
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
Supply Voltage
26V
Input Voltage
±0.7V
Operating Temperature
0°C to +70°C
Storage Temperature
−65°C to +150°C
Junction Temperature
150°C
Lead Temperature
PDIP Package Soldering (10 sec.)
260°C
SOIC Package Infrared (15 sec.)
220°C
SOIC Package Vapor Phase (60 sec.)
215°C
Thermal Resistance
θJC (PDIP Package)
30°C/W
θJA (PDIP Package)
79°C/W
θJC (SOIC Package)
27°C/W
θJA (SOIC Package)
114°C/W
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
2
Submit Documentation Feedback
Copyright © 1995–2013, Texas Instruments Incorporated
Product Folder Links: LM1877



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com