Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP4441 Datasheet(PDF) 41 Page - Microchip Technology

Part # MCP4441
Description  7/8-Bit Quad I2C Digital POT with Nonvolatile Memory
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4441 Datasheet(HTML) 41 Page - Microchip Technology

Back Button MCP4441 Datasheet HTML 37Page - Microchip Technology MCP4441 Datasheet HTML 38Page - Microchip Technology MCP4441 Datasheet HTML 39Page - Microchip Technology MCP4441 Datasheet HTML 40Page - Microchip Technology MCP4441 Datasheet HTML 41Page - Microchip Technology MCP4441 Datasheet HTML 42Page - Microchip Technology MCP4441 Datasheet HTML 43Page - Microchip Technology MCP4441 Datasheet HTML 44Page - Microchip Technology MCP4441 Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 100 page
background image
© 2010 Microchip Technology Inc.
DS22265A-page 41
MCP444X/446X
4.0
FUNCTIONAL OVERVIEW
This Data Sheet covers a family of four nonvolatile Dig-
ital Potentiometer and Rheostat devices that will be
referred to as MCP44XX. The MCP44X1 devices are
the Potentiometer configuration, while the MCP44X2
devices are the Rheostat configuration.
As the Device Block Diagram shows, there are four
main functional blocks. These are:
• POR/BOR and RESET Operation
• Memory Map
• Resistor Network
• Serial Interface (I2C)
The POR/BOR operation and the Memory Map are
discussed in this section and the Resistor Network and
I2C operation are described in their own sections. The
Device Commands
commands are discussed in
Section 7.0
.
4.1
POR/BOR and RESET Operation
The Power-on Reset is the case where the device is
having power applied to it from VSS. The Brown-out
Reset occurs when a device had power applied to it,
and that power (voltage) drops below the specified
range.
The devices RAM retention voltage (VRAM) is lower
than the POR/BOR voltage trip point (VPOR/VBOR). The
maximum VPOR/VBOR voltage is less then 1.8V.
When VPOR/VBOR < VDD < 2.7V, the electrical
performance
may
not
meet
the
data
sheet
specifications. In this region, the device is capable of
reading and writing to its EEPROM and incrementing,
decrementing, reading and writing to its volatile
memory if the proper serial command is executed.
When VDD < VPOR/VBOR or the RESET pin is Low, the
pin weak pull-ups are enabled.
4.1.1
POWER-ON RESET
When the device powers up, the device VDD will cross
the VPOR/VBOR voltage. Once the VDD voltage crosses
the VPOR/VBOR voltage, the following happens:
• The volatile wiper register is loaded with value in
the corresponding nonvolatile wiper register
• The TCON registers are loaded with their default
value
• The device is capable of digital operation
4.1.2
BROWN-OUT RESET
When the device powers down, the device VDD will
cross the VPOR/VBOR voltage.
Once the VDD voltage decreases below the VPOR/VBOR
voltage, the following happens:
• Serial Interface is disabled
• EEPROM Writes are disabled
If the VDD voltage decreases below the VRAM voltage,
the following happens:
• Volatile wiper registers may become corrupted
• TCON registers may become corrupted
As the voltage recovers above the VPOR/VBOR voltage,
see Section 4.1.1 “Power-on Reset”.
Serial commands not completed due to a brown-out
condition may cause the memory location (volatile and
nonvolatile) to become corrupted.
4.1.3
RESET PIN
The RESET pin can be used to force the device into
the POR/BOR state of the device. When the RESET
pin is forced Low, the device is forced into the reset
state. This means that the TCON and STATUS
registers are forced to their default values and the
volatile wiper registers are loaded with the value in the
corresponding Nonvolatile wiper register. Also the I2C
interface is disabled. Any nonvolatile write cycle is not
interrupted, and allowed to complete.
This feature allows a hardware method for all registers
to be updated at the same time.
4.1.4
INTERACTION OF RESET PIN AND
BOR/POR CIRCUITRY
Figure 4-1 shows how the RESET pin signal and the
POR/BOR signal interact to control the hardware reset
state of the device.
FIGURE 4-1:
POR/BOR Signal and
RESET Pin Interaction.
RESET (from pin)
POR/BOR signal
Device reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com