Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM358M Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM358M
Description  LM158/LM258/LM358/LM2904 Low Power Dual Operational Amplifiers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM358M Datasheet(HTML) 4 Page - Texas Instruments

  LM358M Datasheet HTML 1Page - Texas Instruments LM358M Datasheet HTML 2Page - Texas Instruments LM358M Datasheet HTML 3Page - Texas Instruments LM358M Datasheet HTML 4Page - Texas Instruments LM358M Datasheet HTML 5Page - Texas Instruments LM358M Datasheet HTML 6Page - Texas Instruments LM358M Datasheet HTML 7Page - Texas Instruments LM358M Datasheet HTML 8Page - Texas Instruments LM358M Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
LM158-N, LM258-N, LM2904-N, LM358-N
SNOSBT3H – JANUARY 2000 – REVISED MARCH 2013
www.ti.com
ELECTRICAL CHARACTERISTICS
V
+ = +5.0V, unless otherwise stated
Parameter
Conditions
LM158A
LM358A
LM158/LM258
Units
Min Typ
Max
Min Typ
Max
Min Typ
Max
Input Offset Voltage
(1), T
A = 25°C
1
2
2
3
2
5
mV
Input Bias Current
IIN(+) or IIN(−), TA = 25°C,
20
50
45
100
45
150
nA
VCM = 0V,
(2)
Input Offset Current
IIN(+) − IIN(−), VCM = 0V, TA = 25°C
2
10
5
30
3
30
nA
Input Common-Mode
V+ = 30V,(3)
0
V+
−1.5
0
V+
−1.5
0
V+
−1.5
V
Voltage Range
(LM2904, V+ = 26V), TA = 25°C
Supply Current
Over Full Temperature Range
RL = ∞ on All Op Amps
V+ = 30V (LM2904 V+ = 26V)
1
2
1
2
1
2
mA
V+ = 5V
0.5
1.2
0.5
1.2
0.5
1.2
mA
(1)
VO ≃ 1.4V, RS = 0Ω with V
+ from 5V to 30V; and over the full input common-mode range (0V to V+ −1.5V) at 25°C. For LM2904, V+ from
5V to 26V.
(2)
The direction of the input current is out of the IC due to the PNP input stage. This current is essentially constant, independent of the
state of the output so no loading change exists on the input lines.
(3)
The input common-mode voltage of either input signal voltage should not be allowed to go negative by more than 0.3V (at 25°C). The
upper end of the common-mode voltage range is V+
−1.5V (at 25°C), but either or both inputs can go to +32V without damage (+26V for
LM2904), independent of the magnitude of V+.
ELECTRICAL CHARACTERISTICS
V
+ = +5.0V, unless otherwise stated
Parameter
Conditions
LM358
LM2904
Units
Min
Typ
Max
Min
Typ
Max
Input Offset Voltage
See(1) , TA = 25°C
2
7
2
7
mV
Input Bias Current
IIN(+) or IIN(−), TA = 25°C,
45
250
45
250
nA
VCM = 0V, See
(2)
Input Offset Current
IIN(+) − IIN(−), VCM = 0V, TA = 25°C
5
50
5
50
nA
Input Common-Mode
V+ = 30V, See(3)
V+
−1.
V+
−1.
0
0
V
Voltage Range
(LM2904, V+ = 26V), TA = 25°C
5
5
Supply Current
Over Full Temperature Range
RL = ∞ on All Op Amps
V+ = 30V (LM2904 V+ = 26V)
1
2
1
2
mA
V+ = 5V
0.5
1.2
0.5
1.2
mA
(1)
VO ≃ 1.4V, RS = 0Ω with V
+ from 5V to 30V; and over the full input common-mode range (0V to V+ −1.5V) at 25°C. For LM2904, V+ from
5V to 26V.
(2)
The direction of the input current is out of the IC due to the PNP input stage. This current is essentially constant, independent of the
state of the output so no loading change exists on the input lines.
(3)
The input common-mode voltage of either input signal voltage should not be allowed to go negative by more than 0.3V (at 25°C). The
upper end of the common-mode voltage range is V+
−1.5V (at 25°C), but either or both inputs can go to +32V without damage (+26V for
LM2904), independent of the magnitude of V+.
4
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM158-N LM258-N LM2904-N LM358-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com