Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1726 Datasheet(PDF) 2 Page - Microchip Technology

Part # MCP1726
Description  Feature-Rich, Low Dropout Regulator for High-Performance Microprocessor Applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1726 Datasheet(HTML) 2 Page - Microchip Technology

  MCP1726 Datasheet HTML 1Page - Microchip Technology MCP1726 Datasheet HTML 2Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MCP1726 Product Specifications
MCP1726 Ceramic-output Cap-stable, Low Output Voltage Regultator Specifications
Product
Output
Voltage
Output
Current
VCC
Range
Junction
Temperature
Range
Typical
Supply
Current
Typical
Dropout
Voltage @
Max. IOUT
Typical
Output
Voltage
Accuracy
SHDN
Programmable
Power Good
Package
Packing
MCP1726
0.8V,
1.2V,
1.8V,
2.5V,
3.3V,
5.0V,
ADJ
1000 mA
2.3V to
6.0V
-40°C
to 125°C
140 μA
150 mV
±1%
Yes
Yes
SO-8,
DFN-8 (3X3)
Tube,
Tape & Reel
Additional Information
• MCP1726 Data Sheet, DS21936
• Microchip Stand-Alone Analog and Interface Solutions
Guide, DS21060
• Microchip Product Selector Guide, DS00148
• For online sampling, go to: www.sample.microchip.com
• For online purchasing, go to: www.buy.microchip.com
Sampling and Purchasing Information
The MCP1726 LDO is available today for sampling and
volume production in Pb-free 8-pin DFN and SOIC
packages.
Visit Microchip’s web site for complete details, or contact
any Microchip sales representative or authorized Microchip
distributor around the world.
www.microchip.com
Information subject to change. The Microchip name and logo and the Microchip logo are registered trademarks of Microchip Technology Incorporated in the U.S.A. and other countries. All other
trademarks mentioned herein are property of their respective companies. © 2005, Microchip Technology Incorporated. All Rights Reserved. Printed in the U.S.A. 3/05
DS21926A
*DS21926A
Microchip Technology Inc. • 2355 W. Chandler Blvd. • Chandler, AZ 85224-6199
MICR OCONTR OLLERS
•
DIGITAL SIGNAL CONTR OLLERS
•
ANALOG
•
SERIAL EEPR OMS
Sales Offices
AMERICAS
Atlanta
770-640-0034
Boston
774-760-0087
Chicago
630-285-0071
Dallas
972-818-7423
Detroit
248-538-2250
Kokomo
765-864-8360
Los Angeles
949-462-9523
San Jose
650-215-1444
Toronto
905-673-0699
ASIA/PACIFIC
Australia
61-2-9868-6733
China-Beijing
86-10-8528-2100
China-Chengdu
86-28-8676-6200
China-Fuzhou
86-591-8750-3506
China-Hong Kong
852-2401-1200
China-Shanghai
86-21-5407-5533
China-Shenyang
86-24-2334-2829
China-Shenzhen
86-755-8203-2660
China-Shunde
86-757-2839-5507
China-Qingdao
86-532-502-7355
India-Bangalore
91-80-2229-0061
India-New Delhi
91-11-5160-8632
Japan-Kanagawa
81-45-471-6166
Korea-Seoul
82-2-554-7200
Singapore
65-6334-8870
Taiwan-Kaohsiung
886-7-536-4818
Taiwan-Taipei
886-2-2500-6610
Taiwan-Hsinchu
886-3-572-9526
EUROPE
Austria-Wels
43-7242-2244-399
Denmark-Ballerup
45-4420-9895
France-Massy
33-1-69-53-63-20
Germany-Ismaning
49-89-627-144-0
Italy-Milan
39-0331-742611
Netherlands-Drunen
31-416-690399
England-Berkshire
44-118-921-5869
3/1/05



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com