Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP98242 Datasheet(PDF) 39 Page - Microchip Technology

Part # MCP98242
Description  Analog and Interface Product Selector Guide
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP98242 Datasheet(HTML) 39 Page - Microchip Technology

Back Button MCP98242 Datasheet HTML 35Page - Microchip Technology MCP98242 Datasheet HTML 36Page - Microchip Technology MCP98242 Datasheet HTML 37Page - Microchip Technology MCP98242 Datasheet HTML 38Page - Microchip Technology MCP98242 Datasheet HTML 39Page - Microchip Technology MCP98242 Datasheet HTML 40Page - Microchip Technology MCP98242 Datasheet HTML 41Page - Microchip Technology MCP98242 Datasheet HTML 42Page - Microchip Technology MCP98242 Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 44 page
background image
39
Analog & Interface Product Selector Guide
Evaluation, Demonstration and Development Kits
Order #
Description
Devices Supported
Power Management Demonstration and Evaluation Tools
ADM00360
MCP16301 High Voltage Buck Converter 300 mA D2PAK Demo Board
MCP16301
ADM00414
MCP16321 Evaluation Board
MCP16321
ADM00423
MCP16322 Evaluation Board
MCP16321, MCP16322
ADM00427
MCP16323 Evaluation Board
MCP16321, MCP16322, MCP16323
ADM00434
MCP19035 300 KHz Synchronous Buck Controller Evaluation Board
MCP19035
ARD00386
MCP1640 12V/50 mA Two Cell Input Boost Converter Reference Design
MCP1640
MCP1252DM-BKLT
MCP1252 Charge Pump Backlight Demonstration Board
MCP1252
MCP1256/7/8/9EV
MCP1256/7/8/9 Charge Pump Evaluation Board
MCP1256, MCP1257, MCP1258, MCP1259
MCP1601EV
MCP1601 Buck Regulator Evaluation Board
MCP1601
MCP1602EV
MCP1602 Evaluation Board
MCP1602
MCP1603EV
MCP1603 Buck Converter Evaluation Board
MCP1603
MCP1603RD-TNY
MCP1603 Tiny Reference Design
MCP1603
MCP1612EV
MCP1612 Synchronous Buck Regulator Evaluation Board
MCP1612
MCP1630RD-DDBK1
MCP1630 +12V in Dual Output Buck Converter Reference Design
MCP1630
MCP1630RD-DDBK3
MCP1630 Bidirectional 4-Cell Li-Ion Charger Reference Design
MCP1630V, PIC16F88, MCP6022
MCP1630RD-NMC1
MCP1630 Low-Cost NiMH Battery Charger Reference Design
MCP1630, PIC12F683, MCP6292, MCP1702
MCP1630DM-DDBK1
MCP1630 1A Bias Supply Demonstration Board
MCP1630
MCP1630DM-DDBS1
MCP1630 Automotive Input Boost Converter Demonstration Board
MCP1630, PIC12F683
MCP1630DM-LED2
MCP1630 Boost Mode LED Driver Demonstration Board
MCP1630V, PIC12F683, MCP1702
MCP1630RD-LIC1
MCP1630 Li-Ion Multi Bay Battery Charger Reference Design
MCP1630
MCP1630RD-LIC2
MCP1630 Low Cost Li-Ion Battery Charger Reference Design
MCP1630
MCP1630RD-SALED
MCP1630 SEPIC Automotive LED Driver Reference Board
MCP16301
MCP1630DM-NMC1
MCP1630 NiMH Battery Charger Demonstration Board
MCP1630
MCP1630DM-DDBS2
MCP1630 Coupled Inductor Boost Demonstration Board
MCP1630, PIC12F683
MCP1630DM-DDBK4
MCP1630 Automotive Input, Triple Output Converter Demonstration Board
MCP1630, PIC12F683
MCP1631RD-DCPC1
MCP1631HV Digitally Controlled Programmable Current Source
Reference Design
MCP1631HV, PIC16F616
MCP1631RD-MCC1
MCP1631HV Multi-Chemistry Battery Charger Reference Design
MCP1631HV, PIC16F883
MCP1631RD-MCC2
MCP1631HV Multi-Chemistry Battery Charger Reference Design
MCP1631HV, PIC16F883
MCP1640EV-SBC
MCP1640 Sync Boost Converter Evaluation Board
MCP1640
MCP1640RD-4ABC
MCP1640 Single Quad-A Battery Boost Converter Reference Design
MCP1640, PIC12F617
MCP1650DM-LED1
MCP1650 3W White LED Demonstration Board
MCP1650
MCP1650DM-LED2
MCP1650 Multiple White LED Demonstration Board
MCP1650
MCP1650EV
MCP1650 Boost Controller Evaluation Board
MCP1650
MCP1650DM-DDSC1
MCP1650 SEPIC Power Supply Demonstration Board
MCP1650
MCP1726EV
MCP1726 1A LDO Evaluation Board
MCP1726
MCP73113EV-1SOVP
MCP73113 OVP Single Cell Li-Ion Battery Charger Evaluation Board
MCP73113, MCP73114
MCP73213EV-2SOVP
MCP73213 OVP Dual Cell Li-Ion Battery Charger Evaluation Board
MCP73213
MCP73X23EV-LFP
MCP73X23 OVP Lithium Iron Phosphate Battery Charger Evaluation Board
MCP73123, MCP73223
MCP73871DM-VPCC
MCP73871 Demonstration Board with Voltage Proportional Current Control
MCP73871
MCP7381XEV
MCP7381X Low-Cost Li-Ion Battery Charger Evaluation Board
MCP73811, MCP73812
MCP7382XEV
MCP7382X Li-Ion Battery Charger Evaluation Board
MCP7382X
MCP73831EV
MCP73831 Evaluation Kit
MCP73831
Analog Design Development Tools



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com