Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM331N Datasheet(PDF) 11 Page - Texas Instruments

Part # LM331N
Description  LM231A/LM231/LM331A/LM331 Precision Voltage-to-Frequency Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM331N Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM331N Datasheet HTML 7Page - Texas Instruments LM331N Datasheet HTML 8Page - Texas Instruments LM331N Datasheet HTML 9Page - Texas Instruments LM331N Datasheet HTML 10Page - Texas Instruments LM331N Datasheet HTML 11Page - Texas Instruments LM331N Datasheet HTML 12Page - Texas Instruments LM331N Datasheet HTML 13Page - Texas Instruments LM331N Datasheet HTML 14Page - Texas Instruments LM331N Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LM231, LM331
www.ti.com
SNOSBI2B – JUNE 1999 – REVISED MARCH 2013
*Use stable components with low temperature coefficients.
Figure 19. Precision Frequency-to-Voltage Converter,
10 kHz Full-Scale with 2-Pole Filter, ±0.01%
Non-Linearity Maximum
*L14F-1, L14G-1 or L14H-1, photo transistor (General Electric Co.) or similar
Figure 20. Light Intensity to Frequency Converter
Figure 21. Temperature to Frequency Converter
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM231 LM331



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com