Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM231 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM231
Description  LM231A/LM231/LM331A/LM331 Precision Voltage-to-Frequency Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM231 Datasheet(HTML) 2 Page - Texas Instruments

  LM231 Datasheet HTML 1Page - Texas Instruments LM231 Datasheet HTML 2Page - Texas Instruments LM231 Datasheet HTML 3Page - Texas Instruments LM231 Datasheet HTML 4Page - Texas Instruments LM231 Datasheet HTML 5Page - Texas Instruments LM231 Datasheet HTML 6Page - Texas Instruments LM231 Datasheet HTML 7Page - Texas Instruments LM231 Datasheet HTML 8Page - Texas Instruments LM231 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LM231, LM331
SNOSBI2B – JUNE 1999 – REVISED MARCH 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2) (3)
Supply Voltage, VS
40V
Output Short Circuit to Ground
Continuous
Output Short Circuit to VCC
Continuous
Input Voltage
−0.2V to +VS
Package Dissipation at 25°C
1.25W (4)
Lead Temperature (Soldering, 10 sec.)
PDIP
260°C
ESD Susceptibility (5)
500V
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. DC and AC electrical specifications do not
apply when operating the device beyond its specified operating conditions.
(2)
All voltages are measured with respect to GND = 0V, unless otherwise noted.
(3)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/Distributors for availability and specifications.
(4)
The absolute maximum junction temperature (TJmax) for this device is 150°C. The maximum allowable power dissipation is dictated by
TJmax, the junction-to-ambient thermal resistance (θJA), and the ambient temperature TA, and can be calculated using the formula
PDmax = (TJmax - TA) / θJA. The values for maximum power dissipation will be reached only when the device is operated in a severe
fault condition (e.g., when input or output pins are driven beyond the power supply voltages, or the power supply polarity is reversed).
Obviously, such conditions should always be avoided.
(5)
Human body model, 100 pF discharged through a 1.5 k
Ω resistor.
Operating Ratings
(1)
Operating Ambient Temperature
LM231, LM231A
−25°C to +85°C
LM331, LM331A
0°C to +70°C
Supply Voltage, VS
+4V to +40V
(1)
All voltages are measured with respect to GND = 0V, unless otherwise noted.
Package Thermal Resistance
Package
θJ-A
8-Lead PDIP
100°C/W
Electrical Characteristics
All specifications apply in the circuit of Figure 16, with 4.0V
≤ VS ≤ 40V, TA=25°C, unless otherwise specified.
Parameter
Conditions
Min
Typ
Max
Units
4.5V
≤ VS ≤ 20V
±0.003
±0.01
% Full- Scale
VFC Non-Linearity (1)
TMIN ≤ TA ≤ TMAX
±0.006
±0.02
% Full- Scale
VFC Non-Linearity in Circuit of Figure 15
VS = 15V, f = 10 Hz to 11 kHz
±0.024
±0.14
%Full- Scale
Conversion Accuracy Scale Factor (Gain)
LM231, LM231A
VIN = −10V, RS = 14 kΩ
0.95
1.00
1.05
kHz/V
LM331, LM331A
0.90
1.00
1.10
kHz/V
Temperature Stability of Gain
LM231/LM331
TMIN ≤ TA ≤ TMAX, 4.5V ≤ VS ≤ 20V
±30
±150
ppm/°C
LM231A/LM331A
±20
±50
ppm/°C
4.5V
≤ VS ≤ 10V
0.01
0.1
%/V
Change of Gain with VS
10V
≤ VS ≤ 40V
0.006
0.06
%/V
Rated Full-Scale Frequency
VIN = −10V
10.0
kHz
Gain Stability vs. Time (1000 Hours)
TMIN ≤ TA ≤ TMAX
±0.02
% Full- Scale
(1)
Nonlinearity is defined as the deviation of fOUT from VIN × (10 kHz/−10 VDC) when the circuit has been trimmed for zero error at 10 Hz
and at 10 kHz, over the frequency range 1 Hz to 11 kHz. For the timing capacitor, CT, use NPO ceramic, Teflon
®, or polystyrene.
2
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM231 LM331



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com