Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM358AM Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # LM358AM
Description  LM158/LM258/LM358/LM2904 Low Power Dual Operational Amplifiers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM358AM Datasheet(HTML) 23 Page - Texas Instruments

Back Button LM358AM Datasheet HTML 19Page - Texas Instruments LM358AM Datasheet HTML 20Page - Texas Instruments LM358AM Datasheet HTML 21Page - Texas Instruments LM358AM Datasheet HTML 22Page - Texas Instruments LM358AM Datasheet HTML 23Page - Texas Instruments LM358AM Datasheet HTML 24Page - Texas Instruments LM358AM Datasheet HTML 25Page - Texas Instruments LM358AM Datasheet HTML 26Page - Texas Instruments LM358AM Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 33 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
1-Nov-2013
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
LM158AH
ACTIVE
TO-99
LMC
8
500
TBD
Call TI
Call TI
-55 to 125
LM158AH
LM158AH/NOPB
ACTIVE
TO-99
LMC
8
500
Green (RoHS
& no Sb/Br)
POST-PLATE
Level-1-NA-UNLIM
-55 to 125
LM158AH
LM158H
ACTIVE
TO-99
LMC
8
500
TBD
Call TI
Call TI
-55 to 125
LM158H
LM158H/NOPB
ACTIVE
TO-99
LMC
8
500
Green (RoHS
& no Sb/Br)
POST-PLATE
Level-1-NA-UNLIM
-55 to 125
LM158H
LM158J
ACTIVE
CDIP
NAB
8
40
TBD
Call TI
Call TI
-55 to 125
LM158J
LM258H
ACTIVE
TO-99
LMC
8
500
TBD
Call TI
Call TI
-25 to 85
LM258H
LM258H/NOPB
ACTIVE
TO-99
LMC
8
500
Green (RoHS
& no Sb/Br)
POST-PLATE
Level-1-NA-UNLIM
-25 to 85
LM258H
LM2904ITP/NOPB
ACTIVE
DSBGA
YPB
8
250
Green (RoHS
& no Sb/Br)
SNAGCU
Level-1-260C-UNLIM
-40 to 85
A
09
LM2904ITPX/NOPB
ACTIVE
DSBGA
YPB
8
3000
Green (RoHS
& no Sb/Br)
SNAGCU
Level-1-260C-UNLIM
-40 to 85
A
09
LM2904M
NRND
SOIC
D
8
95
TBD
Call TI
Call TI
-40 to 85
LM
2904M
LM2904M/NOPB
ACTIVE
SOIC
D
8
95
Green (RoHS
& no Sb/Br)
SN | CU SN
Level-1-260C-UNLIM
-40 to 85
LM
2904M
LM2904MX
NRND
SOIC
D
8
2500
TBD
Call TI
Call TI
-40 to 85
LM
2904M
LM2904MX/NOPB
ACTIVE
SOIC
D
8
2500
Green (RoHS
& no Sb/Br)
SN | CU SN
Level-1-260C-UNLIM
-40 to 85
LM
2904M
LM2904N
NRND
PDIP
P
8
40
TBD
Call TI
Call TI
-40 to 85
LM
2904N
LM2904N/NOPB
ACTIVE
PDIP
P
8
40
Green (RoHS
& no Sb/Br)
SN | CU SN
Level-1-NA-UNLIM
-40 to 85
LM
2904N
LM358AM
NRND
SOIC
D
8
95
TBD
Call TI
Call TI
0 to 70
LM
358AM
LM358AM/NOPB
ACTIVE
SOIC
D
8
95
Green (RoHS
& no Sb/Br)
SN | CU SN
Level-1-260C-UNLIM
0 to 70
LM
358AM
LM358AMX
NRND
SOIC
D
8
2500
TBD
Call TI
Call TI
0 to 70
LM
358AM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com