Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM358TP Datasheet(PDF) 5 Page - Texas Instruments

Part # LM358TP
Description  LM158/LM258/LM358/LM2904 Low Power Dual Operational Amplifiers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM358TP Datasheet(HTML) 5 Page - Texas Instruments

  LM358TP Datasheet HTML 1Page - Texas Instruments LM358TP Datasheet HTML 2Page - Texas Instruments LM358TP Datasheet HTML 3Page - Texas Instruments LM358TP Datasheet HTML 4Page - Texas Instruments LM358TP Datasheet HTML 5Page - Texas Instruments LM358TP Datasheet HTML 6Page - Texas Instruments LM358TP Datasheet HTML 7Page - Texas Instruments LM358TP Datasheet HTML 8Page - Texas Instruments LM358TP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
LM158-N, LM258-N, LM2904-N, LM358-N
www.ti.com
SNOSBT3H – JANUARY 2000 – REVISED MARCH 2013
ELECTRICAL CHARACTERISTICS
V
+ = +5.0V, See(1), unless otherwise stated
LM158A
LM358A
LM158/LM258
Units
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Large Signal Voltage
V+ = 15V, TA = 25°C,
50
100
25
100
50
100
V/mV
Gain
RL ≥ 2 kΩ, (For VO = 1V to 11V)
Common-Mode
TA = 25°C,
70
85
65
85
70
85
dB
Rejection Ratio
VCM = 0V to V
+−1.5V
Power Supply
V+ = 5V to 30V
65
100
65
100
65
100
dB
Rejection Ratio
(LM2904, V+ = 5V to 26V), TA = 25°C
Amplifier-to-Amplifier
f = 1 kHz to 20 kHz, TA = 25°C (Input
−120
−120
−120
dB
Coupling
Referred), See(2)
Output Current
Source VIN
+ = 1V,
VIN
− = 0V,
20
40
20
40
20
40
mA
V+ = 15V,
VO = 2V, TA = 25°C
Sink VIN
− = 1V, V
IN
+ = 0V
V+ = 15V, TA = 25°C,
10
20
10
20
10
20
mA
VO = 2V
VIN
− = 1V,
VIN
+ = 0V
12
50
12
50
12
50
μA
TA = 25°C, VO = 200 mV,
V+ = 15V
Short Circuit to Ground
TA = 25°C, See
(3), V+ = 15V
40
60
40
60
40
60
mA
Input Offset Voltage
See(4)
4
5
7
mV
Input Offset Voltage Drift
RS = 0Ω
7
15
7
20
7
μV/°C
Input Offset Current
IIN(+) − IIN(−)
30
75
100
nA
Input Offset Current Drift
RS = 0Ω
10
200
10
300
10
pA/°C
Input Bias Current
IIN(+) or IIN(−)
40
100
40
200
40
300
nA
Input Common-Mode
V+ = 30 V, See(5) (LM2904, V+ = 26V)
0
V+
−2
0
V+
−2
0
V+
−2
V
Voltage Range
Large Signal Voltage
V+ = +15V
Gain
(VO = 1V to 11V)
25
15
25
V/mV
RL ≥ 2 kΩ
Output
VOH V
+ = +30V
RL = 2 kΩ
26
26
26
V
Voltage
(LM2904, V+ = 26V)
RL = 10 kΩ
27
28
27
28
27
28
V
Swing
VOL V
+ = 5V, R
L = 10 kΩ
5
20
5
20
5
20
mV
(1)
These specifications are limited to
−55°C ≤ TA ≤ +125°C for the LM158/LM158A. With the LM258/LM258A, all temperature
specifications are limited to
−25°C ≤ TA ≤ +85°C, the LM358/LM358A temperature specifications are limited to 0°C ≤ TA ≤ +70°C, and
the LM2904 specifications are limited to
−40°C ≤ TA ≤ +85°C.
(2)
Due to proximity of external components, insure that coupling is not originating via stray capacitance between these external parts. This
typically can be detected as this type of capacitance increases at higher frequencies.
(3)
Short circuits from the output to V+ can cause excessive heating and eventual destruction. When considering short circuits to ground,
the maximum output current is approximately 40 mA independent of the magnitude of V+. At values of supply voltage in excess of +15V,
continuous short-circuits can exceed the power dissipation ratings and cause eventual destruction. Destructive dissipation can result
from simultaneous shorts on all amplifiers.
(4)
VO ≃ 1.4V, RS = 0Ω with V
+ from 5V to 30V; and over the full input common-mode range (0V to V+ −1.5V) at 25°C. For LM2904, V+ from
5V to 26V.
(5)
The input common-mode voltage of either input signal voltage should not be allowed to go negative by more than 0.3V (at 25°C). The
upper end of the common-mode voltage range is V+
−1.5V (at 25°C), but either or both inputs can go to +32V without damage (+26V for
LM2904), independent of the magnitude of V+.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM158-N LM258-N LM2904-N LM358-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com