Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP102 Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP102
Description  Micropower Voltage Supervisors
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP102 Datasheet(HTML) 1 Page - Microchip Technology

  MCP102 Datasheet HTML 1Page - Microchip Technology MCP102 Datasheet HTML 2Page - Microchip Technology MCP102 Datasheet HTML 3Page - Microchip Technology MCP102 Datasheet HTML 4Page - Microchip Technology MCP102 Datasheet HTML 5Page - Microchip Technology MCP102 Datasheet HTML 6Page - Microchip Technology MCP102 Datasheet HTML 7Page - Microchip Technology MCP102 Datasheet HTML 8Page - Microchip Technology MCP102 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
 2004-2013 Microchip Technology Inc.
DS21906C-page 1
MCP102/103/121/131
Features
• Ultra low supply current: 1.75 µA
(steady-state max.)
•
Precision monitoring options of:
- 1.90V, 2.32V, 2.63V, 2.93V, 3.08V, 4.38V and
4.63V
• Resets microcontroller in a power-loss event
•RST pin (Active-low):
- MCP121: Active-low, open-drain
- MCP131: Active-low, open-drain with internal
pull-up resistor
- MCP102 and MCP103: Active-low, push-pull
• Reset Delay Timer (120 ms delay, typ.)
• Available in SOT23-3, TO-92 and SC-70
packages
•
Temperature Range:
- Extended: -40°C to +125°C
(except MCP1XX-195)
- Industrial: -40°C to +85°C (MCP1XX-195 only)
• Pb-free devices
Applications
• Critical Microcontroller and Microprocessor
Power-monitoring Applications
• Computers
• Intelligent Instruments
• Portable Battery-powered Equipment
General Description
The MCP102/103/121/131 are voltage supervisor
devices designed to keep a microcontroller in reset
until the system voltage has reached and stabilized at
the proper level for reliable system operation. Table 1
shows the available features for these devices.
Package Types
Block Diagram
TABLE 1:
DEVICE FEATURES
SOT23-3/SC-70
VSS
RST
1
2
3
VDD
RST
TO-92
SOT23-3/SC-70
VDD
VSS 1
2
3
RST
VDD VSS
VDD
Comparator
+
–
Output
Driver
RST
Band Gap
Reference
VSS
Reset
Delay
Circuit
R (1)
Note 1: MCP131 Only
Device
Output
Reset
Delay (typ)
Package Pinout
(Pin # 1, 2, 3)
Comment
Type
Pull-up Resistor
MCP102 Push-pull
No
120 ms
RST, VDD, VSS
MCP103 Push-pull
No
120 ms
VSS, RST, VDD
MCP121 Open-drain External
120 ms
RST, VDD, VSS
MCP131 Open-drain Internal (~95 k
)120 ms
RST, VDD, VSS
MCP111 Open-drain External
No
VOUT, VSS, VDD
See MCP111/112 Data Sheet
(DS21889)
MCP112 Push-Pull
No
No
VOUT, VSS, VDD
See MCP111/112 Data Sheet
(DS21889)
Micropower Voltage Supervisors


Similar Part No. - MCP102

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP102 MICROCHIP-MCP102 Datasheet
464Kb / 24P
Micropower Voltage Supervisors
2004
MCP102 MICROCHIP-MCP102 Datasheet
379Kb / 26P
Micropower Voltage Detector
2005
MCP102 MICROCHIP-MCP102 Datasheet
420Kb / 28P
Micropower Voltage Supervisors
2005
MCP102 MICROCHIP-MCP102 Datasheet
429Kb / 28P
Micropower Voltage Supervisors
2004-2013
MCP102 MICROCHIP-MCP102 Datasheet
400Kb / 26P
Micropower Voltage Detector
2004-2013
More results

Similar Description - MCP102

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP121 MICROCHIP-MCP121 Datasheet
464Kb / 24P
Micropower Voltage Supervisors
2004
MCP102 MICROCHIP-MCP102 Datasheet
420Kb / 28P
Micropower Voltage Supervisors
2005
logo
Texas Instruments
TLC7701 TI1-TLC7701_12 Datasheet
1Mb / 32P
Micropower Supply Voltage Supervisors
TLC7701-Q1 TI1-TLC7701-Q1 Datasheet
217Kb / 14P
MICROPOWER SUPPLY VOLTAGE SUPERVISORS
logo
Microchip Technology
MCP102 MICROCHIP-MCP102_13 Datasheet
429Kb / 28P
Micropower Voltage Supervisors
2004-2013
logo
Texas Instruments
TLC7725IDR TI-TLC7725IDR Datasheet
1Mb / 36P
Micropower Supply Voltage Supervisors
TLC7701IPWG4 TI-TLC7701IPWG4 Datasheet
1Mb / 36P
Micropower Supply Voltage Supervisors
TLC7705MJGB TI1-TLC7705MJGB Datasheet
1Mb / 36P
Micropower Supply Voltage Supervisors
TLC7701MDREP TI1-TLC7701MDREP Datasheet
621Kb / 18P
MICROPOWER SUPPLY VOLTAGE SUPERVISORS
logo
Microchip Technology
MCP102 MICROCHIP-MCP102_14 Datasheet
688Kb / 28P
Micropower Voltage Supervisors
10/28/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com