Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS362T-I/ST Datasheet(PDF) 36 Page - Microchip Technology

Part # HCS362T-I/ST
Description  KEELOQ Code Hopping Encoder
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS362T-I/ST Datasheet(HTML) 36 Page - Microchip Technology

Back Button HCS362T-I/ST Datasheet HTML 30Page - Microchip Technology HCS362T-I/ST Datasheet HTML 31Page - Microchip Technology HCS362T-I/ST Datasheet HTML 32Page - Microchip Technology HCS362T-I/ST Datasheet HTML 33Page - Microchip Technology HCS362T-I/ST Datasheet HTML 34Page - Microchip Technology HCS362T-I/ST Datasheet HTML 35Page - Microchip Technology HCS362T-I/ST Datasheet HTML 36Page - Microchip Technology HCS362T-I/ST Datasheet HTML 37Page - Microchip Technology HCS362T-I/ST Datasheet HTML 38Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 36 / 38 page
background image
HCS362
DS40189D-page 36
Preliminary
© 2002 Microchip Technology Inc.
HCS362 PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office.
Sales and Support
Package:
P = Plastic DIP (300 mil body), 8-lead
SN = Plastic SOIC (150 mil body), 8-lead
ST = Plastic TSSOP (4.4mm body), 8-lead
Temperature
I= –40 °C to +85 °C
Range:
Device:
HCS362
Code Hopping Encoder
HCS362T
Code Hopping Encoder (Tape and Reel)
HCS362
—
X/X
Data Sheets
Products supported by a preliminary Data Sheet may have an errata sheet describing minor operational differences
and recommended workarounds. To determine if an errata sheet exists for a particular device, please contact one of
the following:
1.
Your local Microchip sales office
2.
The Microchip Corporate Literature Center U.S. FAX: (480) 792-7277
3.
The Microchip Worldwide Site (www.microchip.com)
Please specify which device, revision of silicon and Data Sheet (include Literature #) you are using.
New Customer Notification System
Register on our web site (www.microchip.com/cn) to receive the most current information on our products.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com