Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC646 Datasheet(PDF) 33 Page - Microchip Technology

Part # TC646
Description  Analog and Interface Product Selector Guide
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC646 Datasheet(HTML) 33 Page - Microchip Technology

Back Button TC646 Datasheet HTML 29Page - Microchip Technology TC646 Datasheet HTML 30Page - Microchip Technology TC646 Datasheet HTML 31Page - Microchip Technology TC646 Datasheet HTML 32Page - Microchip Technology TC646 Datasheet HTML 33Page - Microchip Technology TC646 Datasheet HTML 34Page - Microchip Technology TC646 Datasheet HTML 35Page - Microchip Technology TC646 Datasheet HTML 36Page - Microchip Technology TC646 Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 44 page
background image
33
Analog & Interface Product Selector Guide
Package Type (see table below)
Operating Temperature Range:
- blank: Commercial Range (0°C to +70°C)
I:
Industrial (-40°C to +85°C)
E:
Extended Industrial Range (-40°C to +125°C
Supervisor Bond Options:
D:
F:
H:
blank: Not Applicable
Reset Voltage Thresholds or Performance Grade Options:
(1-3 characters, see specific data sheets)
270: 2 .7V reset threshold
300: 3 .0V reset threshold
315: 3 .15V reset threshold
450: 4 .5V reset threshold
460: 4 .6V reset threshold
475: 4 .7V reset threshold
485: 4 .85V reset threshold
or
B:
Grade (see specific data sheet)
C:
Grade (see specific data sheet)
or
blank: not applicable
Tape and Reel:
T:
Tape and Reel
blank: No Tape and Reel
Product Part Number (3-6 characters, see specific data sheet)
Product Prefix
Part Number Suffix Designations
Ordering Information for all Microchip Analog Products beginning with “MCP” prefix
MCP xxxxx T - yyy z h / qq
Analog Product Part Numbers
Package
Description
# of Pins
Tube/Bag Qty.
Reel Qty.
TO
TO-92
3
1000
N/A
TT
SOT-23
3
N/A
3000
OT
SOT-23
5
N/A
3000
P
PDIP
8
60
N/A
SN
SOIC
8
100
3300
ST
TSSOP
8
100
2500
MS
MSOP
8
100
2500
MC
DFN (2 × 3)
8
N/A
3300
MF
DFN (3 × 3)
8
50
3300
MF
DFN (3 × 3, 10-Pin)
10
120
3300
ST
TSSOP
14
96
2500
P
PDIP
14
30
N/A
SL
SOIC
14
57
2600
P
PDIP
18
25
N/A
SO
SOIC
18
42
1100
ST
TSSOP
20
74
2500
SS
SSOP
20
67
1600
ML
QFN (6 × 6)
28
50
1600
ML
QFN (4 × 4)
16
91
3300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com