Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC646B Datasheet(PDF) 32 Page - Microchip Technology

Part # TC646B
Description  Analog and Interface Product Selector Guide
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC646B Datasheet(HTML) 32 Page - Microchip Technology

Back Button TC646B Datasheet HTML 28Page - Microchip Technology TC646B Datasheet HTML 29Page - Microchip Technology TC646B Datasheet HTML 30Page - Microchip Technology TC646B Datasheet HTML 31Page - Microchip Technology TC646B Datasheet HTML 32Page - Microchip Technology TC646B Datasheet HTML 33Page - Microchip Technology TC646B Datasheet HTML 34Page - Microchip Technology TC646B Datasheet HTML 35Page - Microchip Technology TC646B Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 44 page
background image
32 Analog & Interface Product Selector Guide
Part Number Suffix Designations
Ordering Information for all Microchip Analog Products beginning with “TC” prefix
(formerly TelCom Semiconductor Products)
TC 7106 A-60 1 C P L 713
Taping Direction:
TR or 713: Standard Taping, blank: no tape and reel
Number of Package Pins (See specific data sheet)
Package Type
Operating Temperature Range:
C:
Commercial Range (0°C to +70°C)
E:
Extended Industrial Range (-40°C to +85°C)
I:
Industrial Range (-25°C to +85°C)
M: Military Range (-55°C to +125°C)
V:
See Data Sheet for Specific Temperature Range
(Extra Feature Code and/or Tolerance)* (See specific data sheet)
(Output Voltage or Detect Voltage)* (If applicable, see specific data sheet)
Electrical Performance Grade Option (Variation/Option)*
(If applicable, see specific data sheet)
A:
Test Selection Criteria (See specific data sheet)
B:
R:
Reversed Pin Layout
Product Part Number (2 to 6 characters, see specific data sheet)
Product Prefix
NOTE: ( )* Used for voltage regulators and detectors .
Analog Product Part Numbers
Package
Description
# of Pins
Package
Description
# of Pins
AB
TO-220
3
MB
SOT-89
3
AK
TO-220
7
MF
DFN (3 × 3)
8
AT
TO-220
5
MT
SOT-89
5
AV
TO-220 (Formed)
5
NB
SOT-23B
3
BB
TO-220B
3
OA
SOIC (N)
8
CB
SOT-23A
3
OD
SOIC (N)
14
CH
SOT-23A
6
OE
SOIC (W)
16
CT
SOT-23A
5
OG
SOIC (W)
24
DB
SOT-223
3
OI
SOIC (W)
28
EB
DDPAK
3
OR
SOIC (N)
16
EK
DDPAK
7
PA
PDIP (N)
8
ET
DDPAK
5
PD
PDIP (N)
14
HA
SOP
8
PE
PDIP (N)
16
JA
CDIP (N)
8
PF
PDIP (N)
24
JD
CDIP (N)
14
PG
PDIP (W)
24
JE
CDIP (N)
16
PI
PDIP (W)
28
JG
CDIP (W)
24
PJ
PDIP (W)
28
JI
CDIP (W)
28
PL
PDIP (W)
40
JL
CDIP (W)
40
QR
QSOP (N)
16
KU
MQFP
64
RC
SOT-143
4
KW
MQFP
44
SI
SSOP (W)
28
LB
SC-70
3
UA
MSOP
8
LI
PLCC
28
UN
MSOP
10
LS
PLCC
68
VB
DPAK
3
LT
SC-70
5
ZB
TO-92
3
LW
PLCC
44
ZM
TO-92
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com