Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA129PB Datasheet(PDF) 3 Page - Texas Instruments

Part # OPA129PB
Description  Ultra-Low Bias Current Difet PERATIONAL AMPLIFIER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA129PB Datasheet(HTML) 3 Page - Texas Instruments

  OPA129PB Datasheet HTML 1Page - Texas Instruments OPA129PB Datasheet HTML 2Page - Texas Instruments OPA129PB Datasheet HTML 3Page - Texas Instruments OPA129PB Datasheet HTML 4Page - Texas Instruments OPA129PB Datasheet HTML 5Page - Texas Instruments OPA129PB Datasheet HTML 6Page - Texas Instruments OPA129PB Datasheet HTML 7Page - Texas Instruments OPA129PB Datasheet HTML 8Page - Texas Instruments OPA129PB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
OPA129
3
SBOS026A
www.ti.com
100
1
1M
10M
1k
10k
100k
10
POWER SUPPLY REJECTION vs FREQUENCY
Frequency (Hz)
140
120
100
80
60
40
20
0
+PSRR
–PSRR
OPEN-LOOP FREQUENCY RESPONSE
Frequency (Hz)
140
120
100
80
60
40
20
0
100
1
1M
10M
θ
45
90
135
180
Gain
1k
10k
100k
10
Phase
Margin
≈90°
Power Supply Voltage ......................................................................
±18V
Differential Input Voltage ............................................................ V– to V+
Input Voltage Range .................................................................... V– to V+
Storage Temperature Range ......................................... –40
°C to +125°C
Operating Temperature Range ...................................... –40
°C to +125°C
Output Short Circuit Duration(1) .................................................................. Continuous
Junction Temperature (TJ) ............................................................ +150°C
ABSOLUTE MAXIMUM RATINGS
NOTE: (1) Short circuit may be to power supply common at +25
°C ambient.
PACKAGE INFORMATION(1)
PRODUCT
PACKAGE-LEAD
PACKAGE DESIGNATOR
OPA129P
DIP-8
P
OPA129PB
DIP-8
P
OPA129U
SO-8
D
OPA129UB
SO-8
D
NOTE: (1) For the most current package and ordering information, see the
Package Option Addendum at the end of this data sheet, or see the TI website
at www.ti.com.
CONNECTION DIAGRAM
ELECTROSTATIC
DISCHARGE SENSITIVITY
Any integrated circuit can be damaged by ESD. Texas
Instruments recommends that all integrated circuits be
handled with appropriate precautions. Failure to ob-
serve proper handling and installation procedures can
cause damage.
ESD damage can range from subtle performance deg-
radation to complete device failure. Precision inte-
grated circuits may be more susceptible to damage
because very small parametric changes could cause
the device not to meet published specifications.
Top View
DIP/SO
TYPICAL PERFORMANCE CURVES
At T
A = +25°C, +15VDC, unless otherwise noted.
1
2
3
4
8
7
6
5
Substrate
V+
Output
V–
NC
–In
+In
NC
OPA
NC: No internal connection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com