Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ06GS201TE/SP Datasheet(PDF) 263 Page - Microchip Technology

Part # DSPIC33FJ06GS201TE/SP
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ06GS201TE/SP Datasheet(HTML) 263 Page - Microchip Technology

Back Button DSPIC33FJ06GS201TE/SP Datasheet HTML 259Page - Microchip Technology DSPIC33FJ06GS201TE/SP Datasheet HTML 260Page - Microchip Technology DSPIC33FJ06GS201TE/SP Datasheet HTML 261Page - Microchip Technology DSPIC33FJ06GS201TE/SP Datasheet HTML 262Page - Microchip Technology DSPIC33FJ06GS201TE/SP Datasheet HTML 263Page - Microchip Technology DSPIC33FJ06GS201TE/SP Datasheet HTML 264Page - Microchip Technology DSPIC33FJ06GS201TE/SP Datasheet HTML 265Page - Microchip Technology DSPIC33FJ06GS201TE/SP Datasheet HTML 266Page - Microchip Technology DSPIC33FJ06GS201TE/SP Datasheet HTML 267Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 263 / 346 page
background image
© 2009 Microchip Technology Inc.
Preliminary
DS70318D-page 261
dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04
REGISTER 20-1:
CMPCONx: COMPARATOR CONTROL REGISTER
R/W-0
U-0
R/W-0
U-0
U-0
U-0
U-0
R/W-0
CMPON
—
CMPSIDL
—
—
—
—DACOE
bit 15
bit 8
R/W-0
R/W-0
R/W-0
U-0
R/W-0
U-0
R/W-0
R/W-0
INSEL<1:0>
EXTREF
—
CMPSTAT
—
CMPPOL
RANGE
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15
CMPON:
Comparator Operating Mode bit
1
= Comparator module is enabled
0
= Comparator module is disabled (reduces power consumption)
bit 14
Unimplemented:
Read as ‘0’
bit 13
CMPSIDL:
Stop in Idle Mode bit
1
= Discontinue module operation when device enters Idle mode.
0
= Continue module operation in Idle mode
If a device has multiple comparators, any CMPSIDL bit set to ‘1’ disables ALL comparators while in
Idle mode.
bit 12-9
Reserved:
Read as ‘0’
bit 8
DACOE:
DAC Output Enable
1
= DAC analog voltage is output to DACOUT pin(1)
0
= DAC analog voltage is not connected to DACOUT pin
bit 7-6
INSEL<1:0>:
Input Source Select for Comparator bits
00
= Select CMPxA input pin
01
= Select CMPxB input pin
10
= Select CMPxC input pin
11
= Select CMPxD input pin
bit 5
EXTREF:
Enable External Reference bit
1
= External source provides reference to DAC (maximum DAC voltage determined by external
voltage source)
0
= Internal reference sources provide reference to DAC (maximum DAC voltage determined by
RANGE bit setting)
bit 4
Reserved:
Read as ‘0’
bit 3
CMPSTAT:
Current State of Comparator Output Including CMPPOL Selection bit
bit 2
Reserved:
Read as ‘0’
bit 1
CMPPOL:
Comparator Output Polarity Control bit
1
= Output is inverted
0
= Output is non-inverted
bit 0
RANGE:
Selects DAC Output Voltage Range bit
1
= High Range: Max DAC Value = AVDD/2, 1.65V at 3.3V AVDD
0
= Low Range: Max DAC Value = INTREF, 1.2V, ±1%
Note 1:
DACOUT can be associated only with a single comparator at any given time. The software must ensure
that multiple comparators do not enable the DAC output by setting their respective DACOE bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com