Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ06GS201TE/SP Datasheet(PDF) 267 Page - Microchip Technology

Part # DSPIC33FJ06GS201TE/SP
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ06GS201TE/SP Datasheet(HTML) 267 Page - Microchip Technology

Back Button DSPIC33FJ06GS201TE/SP Datasheet HTML 263Page - Microchip Technology DSPIC33FJ06GS201TE/SP Datasheet HTML 264Page - Microchip Technology DSPIC33FJ06GS201TE/SP Datasheet HTML 265Page - Microchip Technology DSPIC33FJ06GS201TE/SP Datasheet HTML 266Page - Microchip Technology DSPIC33FJ06GS201TE/SP Datasheet HTML 267Page - Microchip Technology DSPIC33FJ06GS201TE/SP Datasheet HTML 268Page - Microchip Technology DSPIC33FJ06GS201TE/SP Datasheet HTML 269Page - Microchip Technology DSPIC33FJ06GS201TE/SP Datasheet HTML 270Page - Microchip Technology DSPIC33FJ06GS201TE/SP Datasheet HTML 271Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 267 / 346 page
background image
© 2009 Microchip Technology Inc.
Preliminary
DS70318D-page 265
dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04
FWDTEN
FWDT
Watchdog Timer Enable bit
1
= Watchdog Timer always enabled (LPRC oscillator cannot be disabled;
clearing the SWDTEN bit in the RCON register will have no effect)
0
= Watchdog Timer enabled/disabled by user software (LPRC can be
disabled by clearing the SWDTEN bit in the RCON register)
WINDIS
FWDT
Watchdog Timer Window Enable bit
1
= Watchdog Timer in Non-Window mode
0
= Watchdog Timer in Window mode
WDTPRE
FWDT
Watchdog Timer Prescaler bit
1
= 1:128
0
= 1:32
WDTPOST<3:0>
FWDT
Watchdog Timer Postscaler bits
1111
= 1:32,768
1110
= 1:16,384
•
•
•
0001
= 1:2
0000
= 1:1
FPWRT<2:0>
FPOR
Power-on Reset Timer Value Select bits
111
= PWRT = 128 ms
110
= PWRT = 64 ms
101
= PWRT = 32 ms
100
= PWRT = 16 ms
011
= PWRT = 8 ms
010
= PWRT = 4 ms
001
= PWRT = 2 ms
000
= PWRT = Disabled
JTAGEN
FICD
JTAG Enable bit
1
= JTAG is enabled
0
= JTAG is disabled
ICS<1:0>
FICD
ICD Communication Channel Select Enable bits
11
= Communicate on PGEC1 and PGED1
10
= Communicate on PGEC2 and PGED2
01
= Communicate on PGEC3 and PGED3
00
= Reserved, do not use.
TABLE 21-2:
dsPIC33F CONFIGURATION BITS DESCRIPTION (CONTINUED)
Bit Field
Register
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com