Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18C601 Datasheet(PDF) 49 Page - Microchip Technology

Part # PIC18C601
Description  High-Performance ROM-less Microcontrollers
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18C601 Datasheet(HTML) 49 Page - Microchip Technology

Back Button PIC18C601 Datasheet HTML 45Page - Microchip Technology PIC18C601 Datasheet HTML 46Page - Microchip Technology PIC18C601 Datasheet HTML 47Page - Microchip Technology PIC18C601 Datasheet HTML 48Page - Microchip Technology PIC18C601 Datasheet HTML 49Page - Microchip Technology PIC18C601 Datasheet HTML 50Page - Microchip Technology PIC18C601 Datasheet HTML 51Page - Microchip Technology PIC18C601 Datasheet HTML 52Page - Microchip Technology PIC18C601 Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 320 page
background image
 2001 Microchip Technology Inc.
Advance Information
DS39541A-page 49
PIC18C601/801
4.9
Data Memory Organization
The data memory is implemented as static RAM. Each
register in the data memory has a 12-bit address, allow-
ing up to 4096 bytes of data memory. Figure 4-8 shows
the data memory organization for PIC18C601/801
devices.
The data memory map is divided into banks that con-
tain 256 bytes each. The lower four bits of the Bank
Select Register (BSR<3:0>) select which bank will be
accessed. The upper 4 bits for the BSR are not imple-
mented.
The data memory contains Special Function Registers
(SFR) and General Purpose Registers (GPR). The
SFR’s are used for control and status of the controller
and peripheral functions, while GPR’s are used for data
storage and scratch pad operations in the user’s appli-
cation. The SFR’s start at the last location of Bank 15
(0FFFh) and grow downwards. GPR’s start at the first
location of Bank 0 and grow upwards. Any read of an
unimplemented location will read as ’0’s.
GPR banks 4 and 5 serve as a Program Memory called
“Boot RAM”, when PGRM bit in MEMCON is set. When
PGRM bit is set, any read from “Boot RAM” returns ‘0’s,
while any write to it is ignored.
The entire data memory may be accessed directly or
indirectly. Direct addressing may require the use of the
BSR register. Indirect addressing requires the use of a
File Select Register (FSR). Each FSR holds a 12-bit
address value that can be used to access any location
in the Data Memory map without banking.
The instruction set and architecture allow operations
across all banks. This may be accomplished by indirect
addressing, or by the use of the MOVFF instruction. The
MOVFF
instruction is a two-word/two-cycle instruction
that moves a value from one register to another.
To ensure that commonly used registers (SFRs and
select GPRs) can be accessed in a single cycle,
regardless of the current BSR values, an Access Bank
is implemented. A segment of Bank 0 and a segment of
Bank 15 comprise the Access bank. Section 4.10 pro-
vides a detailed description of the Access bank.
4.9.1
GENERAL PURPOSE REGISTER
FILE
The register file can be accessed either directly or indi-
rectly. Indirect addressing operates through the File
Select Registers (FSR). The operation of indirect
addressing is shown in Section 4.12.
PIC18C601/801 devices have banked memory in the
GPR area. GPRs are not initialized by a Power-on
Reset and are unchanged on all other RESETS.
Data RAM is available for use as GPR registers by all
instructions. Bank 15 (0F80h to 0FFFh) contains
SFR’s. All other banks of data memory contain GPR
registers starting with bank 0.
4.9.2
SPECIAL FUNCTION REGISTERS
The Special Function Registers (SFRs) are registers
used by the CPU and Peripheral Modules for control-
ling the desired operation of the device. These regis-
ters are implemented as static RAM. A list of these
registers is given in Table 4-2.
The SFR’s can be classified into two sets: those asso-
ciated with the “core” function and those related to the
peripheral functions. Those registers related to the
“core” are described in this section, while those related
to the operation of the peripheral features are
described in the section of that peripheral feature.
The SFRs are typically distributed among the peripher-
als whose functions they control.
The unused SFR locations are unimplemented and
read as '0's. See Table 4-2 for addresses for the SFRs.
4.9.3
SECURED ACCESS REGISTERS
PIC18C601/801 devices contain software program-
ming options for safety critical peripherals. Because
these safety critical peripherals can be programmed in
software, registers used to control these peripherals
are given limited access by the user code. This way,
errant code will not accidentally change settings in
peripherals that could cause catastrophic results.
The registers that are considered safety critical are the
Watchdog Timer register (WDTCON), the External
Memory Control register (MEMCON), the Oscillator
Control register (OSCCON) and the Chip Select regis-
ters (CSSEL2 and CSELIO).
Two bits called Combination Lock (CMLK) bits, located
in the lower two bits of the PSPCON register, must be
set in sequence by user code to gain access to
Secured Access registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com