Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ06GS201TE/ML Datasheet(PDF) 250 Page - Microchip Technology

Part # DSPIC33FJ06GS201TE/ML
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ06GS201TE/ML Datasheet(HTML) 250 Page - Microchip Technology

Back Button DSPIC33FJ06GS201TE/ML Datasheet HTML 246Page - Microchip Technology DSPIC33FJ06GS201TE/ML Datasheet HTML 247Page - Microchip Technology DSPIC33FJ06GS201TE/ML Datasheet HTML 248Page - Microchip Technology DSPIC33FJ06GS201TE/ML Datasheet HTML 249Page - Microchip Technology DSPIC33FJ06GS201TE/ML Datasheet HTML 250Page - Microchip Technology DSPIC33FJ06GS201TE/ML Datasheet HTML 251Page - Microchip Technology DSPIC33FJ06GS201TE/ML Datasheet HTML 252Page - Microchip Technology DSPIC33FJ06GS201TE/ML Datasheet HTML 253Page - Microchip Technology DSPIC33FJ06GS201TE/ML Datasheet HTML 254Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 250 / 346 page
background image
dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04
DS70318D-page 248
Preliminary
© 2009 Microchip Technology Inc.
REGISTER 19-3:
ADBASE: A/D BASE REGISTER(1,2)
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
ADBASE<15:8>
bit 15
bit 8
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
U-0
ADBASE<7:1>
—
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-1
ADBASE<15:1>:
This register contains the base address of the user’s ADC Interrupt Service Routine
jump table. This register, when read, contains the sum of the ADBASE register contents and the
encoded value of the PxRDY status bits.
The encoder logic provides the bit number of the highest priority PxRDY bits where P0RDY is the
highest priority, and P6RDY is the lowest priority.
bit 0
Unimplemented:
Read as ‘0’
Note 1:
The encoding results are shifted left two bits so bits 1-0 of the result are always zero.
2:
As an alternative to using the ADBASE Register, the ADCP0-6 ADC Pair Conversion Complete Interrupts
can be used to invoke A to D conversion completion routines for individual ADC input pairs.
REGISTER 19-4:
ADPCFG: A/D PORT CONFIGURATION REGISTER
U-0
U-0
U-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
—
—
—
—
PCFG11
PCFG10
PCFG9
PCFG8
bit 15
bit 8
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
PCFG7
PCFG6
PCFG5
PCFG4
PCFG3
PCFG2
PCFG1
PCFG0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-12
Unimplemented:
Read as ‘0’
bit 11-0
PCFG<11:0>:
A/D Port Configuration Control bits(1,2,3,4)
1
= Port pin in Digital mode, port read input enabled, A/D input multiplexor connected to AVSS
0
= Port pin in Analog mode, port read input disabled, A/D samples pin voltage
Note:
Not all PCFGx bits are available on all devices. See Figure 19-1 through Figure 19-6 for the available
analog pins (PCFGx = ANx, where x = 0-11).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com