Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ06GS201TE/ML Datasheet(PDF) 252 Page - Microchip Technology

Part # DSPIC33FJ06GS201TE/ML
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ06GS201TE/ML Datasheet(HTML) 252 Page - Microchip Technology

Back Button DSPIC33FJ06GS201TE/ML Datasheet HTML 248Page - Microchip Technology DSPIC33FJ06GS201TE/ML Datasheet HTML 249Page - Microchip Technology DSPIC33FJ06GS201TE/ML Datasheet HTML 250Page - Microchip Technology DSPIC33FJ06GS201TE/ML Datasheet HTML 251Page - Microchip Technology DSPIC33FJ06GS201TE/ML Datasheet HTML 252Page - Microchip Technology DSPIC33FJ06GS201TE/ML Datasheet HTML 253Page - Microchip Technology DSPIC33FJ06GS201TE/ML Datasheet HTML 254Page - Microchip Technology DSPIC33FJ06GS201TE/ML Datasheet HTML 255Page - Microchip Technology DSPIC33FJ06GS201TE/ML Datasheet HTML 256Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 252 / 346 page
background image
dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04
DS70318D-page 250
Preliminary
© 2009 Microchip Technology Inc.
bit 7
IRQEN0:
Interrupt Request Enable 0 bit
1
= Enable IRQ generation when requested conversion of channels AN1 and AN0 is completed
0
= IRQ is not generated
bit 6
PEND0:
Pending Conversion Status 0 bit
1
= Conversion of channels AN1 and AN0 is pending; set when selected trigger is asserted
0
= Conversion is complete
bit 5
SWTRG0:
Software Trigger 0 bit
1
= Start conversion of AN1 and AN0 (if selected by TRGSRC bits)(1)
This bit is automatically cleared by hardware when the PEND0 bit is set.
0
= Conversion is not started
bit 4-0
TRGSRC0<4:0>:
Trigger 0 Source Selection bits
Selects trigger source for conversion of analog channels AN1 and AN0.
00000
= No conversion enabled
00001
= Individual software trigger selected
00010
= Global software trigger selected
00011
= PWM Special Event Trigger selected
00100
= PWM Generator 1 primary trigger selected
00101
= PWM Generator 2 primary trigger selected
00110
= PWM Generator 3 primary trigger selected
00111
= PWM Generator 4 primary trigger selected
01000 =
Reserved
•
•
•
01100
= Timer1 period match
01101
= Reserved
01110
= PWM Generator 1 secondary trigger selected
01111
= PWM Generator 2 secondary trigger selected
10000
= PWM Generator 3 secondary trigger selected
10001
= PWM Generator 4 secondary trigger selected
10010
= Reserved
•
•
•
10110
= Reserved
10111
= PWM Generator 1 current-limit ADC trigger
11000
= PWM Generator 2 current-limit ADC trigger
11001
= PWM Generator 3 current-limit ADC trigger
11010
= PWM Generator 4 current-limit ADC trigger
11011
= Reserved
•
•
•
11111
= Timer2 period match
REGISTER 19-5:
ADCPC0: A/D CONVERT PAIR CONTROL REGISTER 0 (CONTINUED)
Note 1:
If other conversions are in progress, then conversion will be performed when the conversion resources are
available.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com