Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ06GS201TE/ML Datasheet(PDF) 145 Page - Microchip Technology

Part # DSPIC33FJ06GS201TE/ML
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ06GS201TE/ML Datasheet(HTML) 145 Page - Microchip Technology

Back Button DSPIC33FJ06GS201TE/ML Datasheet HTML 141Page - Microchip Technology DSPIC33FJ06GS201TE/ML Datasheet HTML 142Page - Microchip Technology DSPIC33FJ06GS201TE/ML Datasheet HTML 143Page - Microchip Technology DSPIC33FJ06GS201TE/ML Datasheet HTML 144Page - Microchip Technology DSPIC33FJ06GS201TE/ML Datasheet HTML 145Page - Microchip Technology DSPIC33FJ06GS201TE/ML Datasheet HTML 146Page - Microchip Technology DSPIC33FJ06GS201TE/ML Datasheet HTML 147Page - Microchip Technology DSPIC33FJ06GS201TE/ML Datasheet HTML 148Page - Microchip Technology DSPIC33FJ06GS201TE/ML Datasheet HTML 149Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 346 page
background image
© 2009 Microchip Technology Inc.
Preliminary
DS70318D-page 143
dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04
REGISTER 8-5:
ACLKCON: AUXILIARY CLOCK DIVISOR CONTROL REGISTER
R/W-0
R-0
R/W-0
U-0
U-0
R/W-0
R/W-0
R/W-0
ENAPLL
APLLCK
SELACLK
—
—
APSTSCLR<2:0>
bit 15
bit 0
R/W-0
R/W-0
U-0
U-0
U-0
U-0
U-0
U-0
ASRCSEL
FRCSEL
—
—
—
—
—
—
bit 7
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15
ENAPLL:
Auxiliary PLL Enable bit
1
= APLL is enabled
0
= APLL is disabled
bit 14
APLLCK:
APLL Locked Status bit (read-only)
1
= Indicates that auxiliary PLL is in lock
0
= Indicates that auxiliary PLL is not in lock
bit 13
SELACLK:
Select Auxiliary Clock Source for Auxiliary Clock Divider bit
1
= Auxiliary Oscillators provides the source clock for auxiliary clock divider
0
= Primary PLL (FVCO) provides the source clock for auxiliary clock divider
bit 12-11
Unimplemented:
Read as ‘0’
bit 10-8
APSTSCLR<2:0>:
Auxiliary Clock Output Divider bits
111
= Divided by 1
110
= Divided by 2
101
= Divided by 4
100
= Divided by 8
011
= Divided by 16
010
= Divided by 32
001
= Divided by 64
000
= Divided by 256
bit 7
ASRCSEL:
Select Reference Clock Source for Auxiliary Clock bit
1
= Primary oscillator is the clock source
0
= No clock input is selected
bit 6
FRCSEL:
Select Reference Clock Source for Auxiliary PLL bit
1
= Select FRC clock for auxiliary PLL
0
= Input clock source is determined by ASRCSEL bit setting
bit 5-0
Unimplemented:
Read as ‘0’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com