Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ06GS201TE/ML Datasheet(PDF) 146 Page - Microchip Technology

Part # DSPIC33FJ06GS201TE/ML
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ06GS201TE/ML Datasheet(HTML) 146 Page - Microchip Technology

Back Button DSPIC33FJ06GS201TE/ML Datasheet HTML 142Page - Microchip Technology DSPIC33FJ06GS201TE/ML Datasheet HTML 143Page - Microchip Technology DSPIC33FJ06GS201TE/ML Datasheet HTML 144Page - Microchip Technology DSPIC33FJ06GS201TE/ML Datasheet HTML 145Page - Microchip Technology DSPIC33FJ06GS201TE/ML Datasheet HTML 146Page - Microchip Technology DSPIC33FJ06GS201TE/ML Datasheet HTML 147Page - Microchip Technology DSPIC33FJ06GS201TE/ML Datasheet HTML 148Page - Microchip Technology DSPIC33FJ06GS201TE/ML Datasheet HTML 149Page - Microchip Technology DSPIC33FJ06GS201TE/ML Datasheet HTML 150Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 346 page
background image
dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04
DS70318D-page 144
Preliminary
© 2009 Microchip Technology Inc.
REGISTER 8-6:
REFOCON: REFERENCE OSCILLATOR CONTROL REGISTER
R/W-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
ROON
—
ROSIDL
ROSEL
RODIV<3:0>(1)
bit 15
bit 8
U-0
U-0
U-0
U-0
U-0
U-0
U-0
U-0
—
—
—
—
—
—
—
—
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15
ROON:
Reference Oscillator Output Enable bit
1
= Reference oscillator output enabled on REFCLK0(2) pin
0
= Reference oscillator output disabled
bit 14
Unimplemented:
Read as ‘0’
bit 13
ROSIDL:
Reference Oscillator Run in Sleep bit
1
= Reference oscillator output continues to run in Sleep
0
= Reference oscillator output is disabled in Sleep
bit 12
ROSEL:
Reference Oscillator Source Select bit
1
= Oscillator crystal used as the reference clock
0
= System clock used as the reference clock
bit 11-8
RODIV<3:0>:
Reference Oscillator Divider bits(1)
1111
= Reference clock divided by 32,768
1110
= Reference clock divided by 16,384
1101
= Reference clock divided by 8,192
1100
= Reference clock divided by 4,096
1011
= Reference clock divided by 2,048
1010
= Reference clock divided by 1,024
1001
= Reference clock divided by 512
1000
= Reference clock divided by 256
0111
= Reference clock divided by 128
0110
= Reference clock divided by 64
0101
= Reference clock divided by 32
0100
= Reference clock divided by 16
0011
= Reference clock divided by 8
0010
= Reference clock divided by 4
0001
= Reference clock divided by 2
0000
= Reference clock
bit 7-0
Unimplemented:
Read as ‘0’
Note 1:
The reference oscillator output must be disabled (ROON = 0) before writing to these bits.
2:
This pin is remappable. Refer to Section 10.4 “Peripheral Pin Select” for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com