Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

34AA02-I/P Datasheet(PDF) 14 Page - Microchip Technology

Part # 34AA02-I/P
Description  2K I2C Serial EEPROM Software Write-Protect
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

34AA02-I/P Datasheet(HTML) 14 Page - Microchip Technology

Back Button 34AA02-I/P Datasheet HTML 10Page - Microchip Technology 34AA02-I/P Datasheet HTML 11Page - Microchip Technology 34AA02-I/P Datasheet HTML 12Page - Microchip Technology 34AA02-I/P Datasheet HTML 13Page - Microchip Technology 34AA02-I/P Datasheet HTML 14Page - Microchip Technology 34AA02-I/P Datasheet HTML 15Page - Microchip Technology 34AA02-I/P Datasheet HTML 16Page - Microchip Technology 34AA02-I/P Datasheet HTML 17Page - Microchip Technology 34AA02-I/P Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
34AA02/34LC02
DS22029D-page 14
© 2008 Microchip Technology Inc.
8.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 8-1.
TABLE 8-1:
PIN FUNCTION TABLE
8.1
A0, A1, A2
The levels on these inputs are compared with the
corresponding bits in the slave address. The chip is
selected if the compare is true.
Up to eight 34XX02 devices may be connected to the
same
bus
by
using
different
Chip
Select
bit
combinations. These inputs must be connected to
either VSS or VCC.
The A0 pin is also used to detect VHV.
8.2
Serial Address/Data Input/Output
(SDA)
This is a bidirectional pin used to transfer addresses
and data into and data out of the device. It is an open
drain terminal. Therefore, the SDA bus requires a pull-
up resistor to VCC (typical 10 k
Ω for 100 kHz, 2 kΩ for
400 kHz).
For normal data transfer, SDA is allowed to change
only during SCL low. Changes during SCL high are
reserved for indicating the Start and Stop conditions.
8.3
Serial Clock (SCL)
This input is used to synchronize the data transfer to
and from the device.
8.4
Write-Protect (WP)
This is the hardware write-protect pin. It can be tied to
VCC or VSS. If tied to VCC, the hardware write protection
is enabled. If the WP pin is tied to VSS, the hardware
write protection is disabled.
Symbol
PDIP
SOIC
TSSOP
MSOP
TDFN
SOT-23
Description
A0
1
1
1
1
1
5
Chip Address Input
A1
2
2
2
2
2
4
Chip Address Input
A2
3
3
3
3
3
NC
Chip Address Input
VSS
4
4
4
4
4
2
Ground
SDA
5
5
5
5
5
3
Serial Address/Data I/O
SCL
6
6
6
6
6
1
Serial Clock
WP
7
7
7
7
7
NC
Write-Protect Input
VCC
8
8
8
8
8
6
+1.7V to 5.5V Power Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com