Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ06GS201TI/MM Datasheet(PDF) 201 Page - Microchip Technology

Part # DSPIC33FJ06GS201TI/MM
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ06GS201TI/MM Datasheet(HTML) 201 Page - Microchip Technology

Back Button DSPIC33FJ06GS201TI/MM Datasheet HTML 197Page - Microchip Technology DSPIC33FJ06GS201TI/MM Datasheet HTML 198Page - Microchip Technology DSPIC33FJ06GS201TI/MM Datasheet HTML 199Page - Microchip Technology DSPIC33FJ06GS201TI/MM Datasheet HTML 200Page - Microchip Technology DSPIC33FJ06GS201TI/MM Datasheet HTML 201Page - Microchip Technology DSPIC33FJ06GS201TI/MM Datasheet HTML 202Page - Microchip Technology DSPIC33FJ06GS201TI/MM Datasheet HTML 203Page - Microchip Technology DSPIC33FJ06GS201TI/MM Datasheet HTML 204Page - Microchip Technology DSPIC33FJ06GS201TI/MM Datasheet HTML 205Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 346 page
background image
© 2009 Microchip Technology Inc.
Preliminary
DS70318D-page 199
dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04
FIGURE 15-2:
PARTITIONED OUTPUT PAIR, COMPLEMENTARY PWM MODE
15.3
Control Registers
The following registers control the operation of the
high-speed PWM module.
• PTCON: PWM Time Base Control Register
• PTCON2: PWM Clock Divider Select Register
• PTPER: PWM Master Time Base Register(1)
• SEVTCMP: PWM Special Event Compare
Register
• MDC: PWM Master Duty Cycle Register
• PWMCONx: PWMx Control Register
• PDCx: PWMx Generator Duty Cycle Register
• PHASEx: PWMx Primary Phase Shift Register
(PHASEx Register provides the local time base
period for PWMxH)
• DTRx: PWMx Dead-Time Register
• ALTDTRx: PWMx Alternate Dead-Time Register
• SDCx: PWMx Secondary Duty Cycle Register
• SPHASEx: PWMx Secondary Phase Shift
Register (Provides the local time base for
PWMxL)
• TRGCONx: PWMx Trigger Control Register
• IOCONx: PWMx I/O Control Register
• FCLCONx: PWMx Fault Current-Limit Control
Register
• TRIGx: PWMx Primary Trigger Compare Value
Register
• STRIGx: PWMx Secondary Trigger Compare
Value Register
• LEBCONx: Leading-Edge Blanking Control
Register
• PWMCAPx: Primary PWMx Time Base Capture
Register
PWM Duty Cycle Register
Duty Cycle Comparator
Fault Override Values
Channel Override Values
Fault Pin Assignment Logic
Fault Pin
PWMXH
PWMXL
TMR < PDC
PWM
Override
Logic
Dead-Time
Logic
Fault Active
Phase Offset
M
U
X
M
U
X
Timer/Counter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com