Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ06GS201TI/MM Datasheet(PDF) 203 Page - Microchip Technology

Part # DSPIC33FJ06GS201TI/MM
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ06GS201TI/MM Datasheet(HTML) 203 Page - Microchip Technology

Back Button DSPIC33FJ06GS201TI/MM Datasheet HTML 199Page - Microchip Technology DSPIC33FJ06GS201TI/MM Datasheet HTML 200Page - Microchip Technology DSPIC33FJ06GS201TI/MM Datasheet HTML 201Page - Microchip Technology DSPIC33FJ06GS201TI/MM Datasheet HTML 202Page - Microchip Technology DSPIC33FJ06GS201TI/MM Datasheet HTML 203Page - Microchip Technology DSPIC33FJ06GS201TI/MM Datasheet HTML 204Page - Microchip Technology DSPIC33FJ06GS201TI/MM Datasheet HTML 205Page - Microchip Technology DSPIC33FJ06GS201TI/MM Datasheet HTML 206Page - Microchip Technology DSPIC33FJ06GS201TI/MM Datasheet HTML 207Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 346 page
background image
© 2009 Microchip Technology Inc.
Preliminary
DS70318D-page 201
dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04
REGISTER 15-2:
PTCON2: PWM CLOCK DIVIDER SELECT REGISTER
U-0
U-0
U-0
U-0
U-0
U-0
U-0
U-0
—
—
—
—
—
—
—
—
bit 15
bit 8
U-0
U-0
U-0
U-0
U-0
R/W-0
R/W-0
R/W-0
—
—
—
—
—PCLKDIV<2:0>(1)
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-3
Unimplemented:
Read as ‘0’
bit 2-0
PCLKDIV<2:0>:
PWM Input Clock Prescaler (Divider) Select bits(1)
000
= Divide by 1, maximum PWM timing resolution (power-on default)
001
= Divide by 2, maximum PWM timing resolution
010
= Divide by 4, maximum PWM timing resolution
011
= Divide by 8, maximum PWM timing resolution
100
= Divide by 16, maximum PWM timing resolution
101
= Divide by 32, maximum PWM timing resolution
110
= Divide by 64, maximum PWM timing resolution
111
= Reserved
Note 1:
These bits should be changed only when PTEN = 0. Changing the clock selection during operation will
yield unpredictable results.
REGISTER 15-3:
PTPER: PWM MASTER TIME BASE REGISTER(1)
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
PTPER <15:8>
bit 15
bit 8
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-0
R/W-0
R/W-0
PTPER <7:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-0
PTPER<15:0>:
PWM Master Time Base (PMTMR) Period Value bits
Note 1:
The minimum value that can be loaded into the PTPER register is 0x0010 and the maximum value is
0xFFF8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com