Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ06GS201TI/MM Datasheet(PDF) 207 Page - Microchip Technology

Part # DSPIC33FJ06GS201TI/MM
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ06GS201TI/MM Datasheet(HTML) 207 Page - Microchip Technology

Back Button DSPIC33FJ06GS201TI/MM Datasheet HTML 203Page - Microchip Technology DSPIC33FJ06GS201TI/MM Datasheet HTML 204Page - Microchip Technology DSPIC33FJ06GS201TI/MM Datasheet HTML 205Page - Microchip Technology DSPIC33FJ06GS201TI/MM Datasheet HTML 206Page - Microchip Technology DSPIC33FJ06GS201TI/MM Datasheet HTML 207Page - Microchip Technology DSPIC33FJ06GS201TI/MM Datasheet HTML 208Page - Microchip Technology DSPIC33FJ06GS201TI/MM Datasheet HTML 209Page - Microchip Technology DSPIC33FJ06GS201TI/MM Datasheet HTML 210Page - Microchip Technology DSPIC33FJ06GS201TI/MM Datasheet HTML 211Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 207 / 346 page
background image
© 2009 Microchip Technology Inc.
Preliminary
DS70318D-page 205
dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04
REGISTER 15-7:
PDCx: PWMx GENERATOR DUTY CYCLE REGISTER
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
PDCx<15:8>
bit 15
bit 8
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
PDCx<7:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-0
PDCx<15:0>:
PWM Generator # Duty Cycle Value bits
Note 1:
In Independent PWM mode, the PDCx register controls the PWMxH duty cycle only. In Complementary,
Redundant and Push-Pull PWM modes, the PDCx register controls the duty cycle of both the PWMxH and
PWMxL. The smallest pulse width that can be generated on the PWM output corresponds to a value of
0x0008, while the maximum pulse width generated corresponds to a value of 0xFFEF.
2:
As the duty cycle gets closer to 0% or 100% of the PWM period (0 ns-40 ns, depending on the mode of
operation), the PWM duty cycle resolution will degrade from 1 LSB to 3 LSB.
REGISTER 15-8:
SDCx: PWMx SECONDARY DUTY CYCLE REGISTER
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
SDCx<15:8>
bit 15
bit 8
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
SDCx<7:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-0
SDCx<15:0>:
Secondary Duty Cycle for PWMxL Output Pin bits
Note 1:
The SDCx register is used in Independent PWM mode only. When used in Independent PWM mode, the
SDCx register controls the PWMxL duty cycle. The smallest pulse width that can be generated on the
PWM output corresponds to a value of 0x0008, while the maximum pulse width generated corresponds to
a value of 0xFFEF.
2:
As the duty cycle gets closer to 0% or 100% of the PWM period (0 ns-40 ns, depending on the mode of
operation), the PWM duty cycle resolution will degrade from 1 LSB to 3 LSB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com