Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ06GS201TI/MM Datasheet(PDF) 211 Page - Microchip Technology

Part # DSPIC33FJ06GS201TI/MM
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ06GS201TI/MM Datasheet(HTML) 211 Page - Microchip Technology

Back Button DSPIC33FJ06GS201TI/MM Datasheet HTML 207Page - Microchip Technology DSPIC33FJ06GS201TI/MM Datasheet HTML 208Page - Microchip Technology DSPIC33FJ06GS201TI/MM Datasheet HTML 209Page - Microchip Technology DSPIC33FJ06GS201TI/MM Datasheet HTML 210Page - Microchip Technology DSPIC33FJ06GS201TI/MM Datasheet HTML 211Page - Microchip Technology DSPIC33FJ06GS201TI/MM Datasheet HTML 212Page - Microchip Technology DSPIC33FJ06GS201TI/MM Datasheet HTML 213Page - Microchip Technology DSPIC33FJ06GS201TI/MM Datasheet HTML 214Page - Microchip Technology DSPIC33FJ06GS201TI/MM Datasheet HTML 215Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 211 / 346 page
background image
© 2009 Microchip Technology Inc.
Preliminary
DS70318D-page 209
dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04
REGISTER 15-13: TRGCONx: PWMx TRIGGER CONTROL REGISTER
R/W-0
R/W-0
R/W-0
R/W-0
U-0
U-0
U-0
U-0
TRGDIV<3:0>
—
—
—
—
bit 15
bit 8
R/W-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
DTM(1)
—TRGSTRT<5:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-12
TRGDIV<3:0>
: Trigger # Output Divider bits
0000
= Trigger output for every trigger event
0001
= Trigger output for every 2nd trigger event
0010
= Trigger output for every 3rd trigger event
0011
= Trigger output for every 4th trigger event
0100
= Trigger output for every 5th trigger event
0101
= Trigger output for every 6th trigger event
0110
= Trigger output for every 7th trigger event
0111
= Trigger output for every 8th trigger event
1000
= Trigger output for every 9th trigger event
1001
= Trigger output for every 10th trigger event
1010
= Trigger output for every 11th trigger event
1011
= Trigger output for every 12th trigger event
1100
= Trigger output for every 13th trigger event
1101
= Trigger output for every 14th trigger event
1110
= Trigger output for every 15th trigger event
1111
= Trigger output for every 16th trigger event
bit 11-8
Unimplemented:
Read as ‘0’
bit 7
DTM:
Dual Trigger Mode bit(1)
1
= Secondary trigger event is combined with the primary trigger event to create the PWM trigger.
0
= Secondary trigger event is not combined with the primary trigger event to create the PWM trigger.
Two separate PWM triggers are generated.
bit 6
Unimplemented:
Read as ‘0’
bit 5-0
TRGSTRT<5:0>:
Trigger Postscaler Start Enable Select bits
000000
= Wait 0 PWM cycles before generating the first trigger event after the module is enabled
000001
= Wait 1 PWM cycles before generating the first trigger event after the module is enabled
000010
= Wait 1 PWM cycles before generating the first trigger event after the module is enabled
•
•
•
111111
= Wait 63 PWM cycles before generating the first trigger event after the module is enabled
Note 1:
The secondary generator cannot generate PWM trigger interrupts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com