Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ06GS201TI/MM Datasheet(PDF) 213 Page - Microchip Technology

Part # DSPIC33FJ06GS201TI/MM
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ06GS201TI/MM Datasheet(HTML) 213 Page - Microchip Technology

Back Button DSPIC33FJ06GS201TI/MM Datasheet HTML 209Page - Microchip Technology DSPIC33FJ06GS201TI/MM Datasheet HTML 210Page - Microchip Technology DSPIC33FJ06GS201TI/MM Datasheet HTML 211Page - Microchip Technology DSPIC33FJ06GS201TI/MM Datasheet HTML 212Page - Microchip Technology DSPIC33FJ06GS201TI/MM Datasheet HTML 213Page - Microchip Technology DSPIC33FJ06GS201TI/MM Datasheet HTML 214Page - Microchip Technology DSPIC33FJ06GS201TI/MM Datasheet HTML 215Page - Microchip Technology DSPIC33FJ06GS201TI/MM Datasheet HTML 216Page - Microchip Technology DSPIC33FJ06GS201TI/MM Datasheet HTML 217Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 213 / 346 page
background image
© 2009 Microchip Technology Inc.
Preliminary
DS70318D-page 211
dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04
bit 3-2
CLDAT<1:0>:
Data for PWMxH and PWMxL Pins if CLMODE is Enabled bits
FCLCONx<IFLTMOD> = 0: Normal Fault mode:
If current-limit active, then CLDAT<1> provides data for PWMxH.
If current-limit active, then CLDAT<0> provides data for PWMxL.
FCLCONx<IFLTMOD> = 1: Independent Fault mode:
CLDAT<1:0> is ignored.
bit 1
SWAP<1:0>:
SWAP PWMxH and PWMxL pins
1
= PWMxH output signal is connected to PWMxL pin and PWMxL signal is connected to PWMxH pins
0
= PWMxH and PWMxL pins are mapped to their respective pins
bit 0
OSYNC:
Output Override Synchronization bit
1
= Output overrides via the OVRDAT<1:0> bits are synchronized to the PWM time base
0
= Output overrides via the OVDDAT<1:0> bits occur on next CPU clock boundary
REGISTER 15-14: IOCONx: PWMx I/O CONTROL REGISTER (CONTINUED)
Note 1:
These bits should be changed only when PTEN = 0. Changing the clock selection during operation will
yield unpredictable results.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com