Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ06GS201TI/MM Datasheet(PDF) 215 Page - Microchip Technology

Part # DSPIC33FJ06GS201TI/MM
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ06GS201TI/MM Datasheet(HTML) 215 Page - Microchip Technology

Back Button DSPIC33FJ06GS201TI/MM Datasheet HTML 211Page - Microchip Technology DSPIC33FJ06GS201TI/MM Datasheet HTML 212Page - Microchip Technology DSPIC33FJ06GS201TI/MM Datasheet HTML 213Page - Microchip Technology DSPIC33FJ06GS201TI/MM Datasheet HTML 214Page - Microchip Technology DSPIC33FJ06GS201TI/MM Datasheet HTML 215Page - Microchip Technology DSPIC33FJ06GS201TI/MM Datasheet HTML 216Page - Microchip Technology DSPIC33FJ06GS201TI/MM Datasheet HTML 217Page - Microchip Technology DSPIC33FJ06GS201TI/MM Datasheet HTML 218Page - Microchip Technology DSPIC33FJ06GS201TI/MM Datasheet HTML 219Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 215 / 346 page
background image
© 2009 Microchip Technology Inc.
Preliminary
DS70318D-page 213
dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04
bit 7-3
FLTSRC<4:0>:
Fault Control Signal Source Select for PWM Generator # bits(2,3)
00000
= Fault 1
00001
= Fault 2
00010
= Fault 3
00011
= Fault 4
00100
= Fault 5
00101
= Fault 6
00110
= Fault 7
00111
= Fault 8
01000
= Reserved
•
•
•
11111
= Reserved
bit 2
FLTPOL:
Fault Polarity for PWM Generator # bit(1)
1
= The selected Fault source is active-low
0
= The selected Fault source is active-high
bit 1-0
FLTMOD<1:0>:
Fault Mode for PWM Generator # bits
00
= The selected Fault source forces PWMxH, PWMxL pins to FLTDAT values (latched condition)
01
= The selected Fault source forces PWMxH, PWMxL pins to FLTDAT values (cycle)
10
= Reserved
11
= Fault input is disabled
REGISTER 15-15: FCLCONx: PWMx FAULT CURRENT-LIMIT CONTROL REGISTER (CONTINUED)
Note 1:
These bits should be changed only when PTEN = 0. Changing the clock selection during operation will
yield unpredictable results.
2:
When Independent Fault mode is enabled (IFLTMOD = 1), and Fault 1 is used for Current-Limit mode
(CLSRC<4:0> = b0000), the Fault Control Source Select bits (FLTSRC<4:0>) should be set to an unused
Fault source to prevent Fault 1 from disabling both the PWMxL and PWMxH outputs.
3:
When Independent Fault mode is enabled (IFLTMOD = 1) and Fault 1 is used for Fault mode
(FLTSRC<4:0> = b0000), the Current-Limit Control Source Select bits (CLSRC<4:0>) should be set to an
unused current-limit source to prevent the current-limit source from disabling both the PWMxH and
PWMxL outputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com