Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ06GS201TI/MM Datasheet(PDF) 208 Page - Microchip Technology

Part # DSPIC33FJ06GS201TI/MM
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ06GS201TI/MM Datasheet(HTML) 208 Page - Microchip Technology

Back Button DSPIC33FJ06GS201TI/MM Datasheet HTML 204Page - Microchip Technology DSPIC33FJ06GS201TI/MM Datasheet HTML 205Page - Microchip Technology DSPIC33FJ06GS201TI/MM Datasheet HTML 206Page - Microchip Technology DSPIC33FJ06GS201TI/MM Datasheet HTML 207Page - Microchip Technology DSPIC33FJ06GS201TI/MM Datasheet HTML 208Page - Microchip Technology DSPIC33FJ06GS201TI/MM Datasheet HTML 209Page - Microchip Technology DSPIC33FJ06GS201TI/MM Datasheet HTML 210Page - Microchip Technology DSPIC33FJ06GS201TI/MM Datasheet HTML 211Page - Microchip Technology DSPIC33FJ06GS201TI/MM Datasheet HTML 212Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 208 / 346 page
background image
dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04
DS70318D-page 206
Preliminary
© 2009 Microchip Technology Inc.
REGISTER 15-9:
PHASEx: PWMx PRIMARY PHASE SHIFT REGISTER
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
PHASEx<15:8>
bit 15
bit 8
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
PHASEx<7:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-0
PHASEx<15:0>:
PWM Phase Shift Value or Independent Time Base Period for this PWM Generator bits
Note 1:
If PWMCONx<ITB> = 0, the following applies based on the mode of operation:
• Complementary, Redundant and Push-Pull Output mode (IOCONx<PMOD> = 00, 01, or 10)
PHASEx<15:0> = Phase shift value for PWMxH and PWMxL outputs
• True Independent Output mode (IOCONx<PMOD> = 11) PHASEx<15:0> = Phase shift value for
PWMxL only
2:
If PWMCONx<ITB> = 1, the following applies based on the mode of operation:
• Complementary, Redundant, and Push-Pull Output mode (IOCONx<PMOD> = 00, 01, or 10)
PHASEx<15:0> = Independent time base period value for PWMxH and PWMxL
• True Independent Output mode (IOCONx<PMOD> = 11) PHASEx<15:0> = Independent time base
period value for PWMxL only
• The smallest pulse width that can be generated on the PWM output corresponds to a value of
0x0008, while the maximum pulse width generated corresponds to a value of Period - 0x0008.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com