Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS26LS33 Datasheet(PDF) 4 Page - Texas Instruments

Part # DS26LS33
Description  DS26LS32AC/DS26LS32C/DS26LS32M/DS26LS33M Quad Differential Line Receivers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS26LS33 Datasheet(HTML) 4 Page - Texas Instruments

  DS26LS33 Datasheet HTML 1Page - Texas Instruments DS26LS33 Datasheet HTML 2Page - Texas Instruments DS26LS33 Datasheet HTML 3Page - Texas Instruments DS26LS33 Datasheet HTML 4Page - Texas Instruments DS26LS33 Datasheet HTML 5Page - Texas Instruments DS26LS33 Datasheet HTML 6Page - Texas Instruments DS26LS33 Datasheet HTML 7Page - Texas Instruments DS26LS33 Datasheet HTML 8Page - Texas Instruments DS26LS33 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
DS26LS32AC, DS26LS32C, DS26LS32M, DS26LS33M
SNLS352C – MAY 1999 – REVISED FEBRUARY 2013
www.ti.com
Electrical Characteristics
(1) (2) (3) (continued)
over the operating temperature range unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Units
IO
OFF-State (High
V CC = Max
VO = 2.4V
20
μA
Impedance) Output
VO = 0.4V
−20
μA
Current
IIL
Enable Low Current
VIN = 0.4V
−0.36
mA
IIH
Enable High Current
VIN = 2.7V
20
μA
ISC
Output Short-Circuit
V O = 0V, VCC = Max, ΔVIN = 1V
−15
−85
mA
Current
ICC
Power Supply Current
VCC = Max, All VIN = GND,
DS26LS32, DS26LS32A
52
70
mA
Outputs Disabled
DS26LS33, DS26LS33A
57
80
mA
II
Input High Current
VIN = 5.5V
100
μA
VHYST
Input Hysteresis
TA = 25°C, VCC = 5V,
DS26LS32, DS26S32A
100
mV
VCM = 0V
DS26LS33, DS26LS33A
200
mV
Switching Characteristics
VCC = 5V, TA = 25°C
DS26LS32/DS26LS33
DS26LS32A/DS26LS33A
Symbol
Parameter
Conditions
Units
Min
Typ
Max
Min
Typ
Max
tPLH
Input to Output
CL = 15 pF
17
25
23
35
ns
tPHL
17
25
23
35
ns
tLZ
ENABLE to Output
CL = 5 pF
20
30
15
30
ns
tHZ
15
22
20
25
ns
tZL
ENABLE to Output
CL = 15 pF
15
22
14
22
ns
tZH
15
22
15
22
ns
AC TEST CIRCUIT AND SWITCHING TIME WAVEFORMS
Figure 3. Load Test Circuit for TRI-STATE Outputs
4
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: DS26LS32AC DS26LS32C DS26LS32M DS26LS33M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com