Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24LC22AT-I/SN Datasheet(PDF) 4 Page - Microchip Technology

Part # 24LC22AT-I/SN
Description  2K VESA E-EDID Serial EEPROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC22AT-I/SN Datasheet(HTML) 4 Page - Microchip Technology

  24LC22AT-I/SN Datasheet HTML 1Page - Microchip Technology 24LC22AT-I/SN Datasheet HTML 2Page - Microchip Technology 24LC22AT-I/SN Datasheet HTML 3Page - Microchip Technology 24LC22AT-I/SN Datasheet HTML 4Page - Microchip Technology 24LC22AT-I/SN Datasheet HTML 5Page - Microchip Technology 24LC22AT-I/SN Datasheet HTML 6Page - Microchip Technology 24LC22AT-I/SN Datasheet HTML 7Page - Microchip Technology 24LC22AT-I/SN Datasheet HTML 8Page - Microchip Technology 24LC22AT-I/SN Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
24LC22A
DS21683B-page 4
© 2007 Microchip Technology Inc.
2.0
FUNCTIONAL DESCRIPTION
The 24LC22A is designed to comply to the DDC Stan-
dard proposed by VESA (Figure 3-3) with the exception
that it is not Access.bus capable. It operates in two
modes, the Transmit-Only mode (1 Kbit) and the
Bidirectional mode (2 Kbit). There is a separate 2-wire
protocol to support each mode, each having a separate
clock input but sharing a common data line (SDA). The
device enters the Transmit-Only mode upon power-up.
In this mode, the device transmits data bits on the SDA
pin in response to a clock signal on the VCLK pin. The
device will remain in this mode until a valid high-to-low
transition is placed on the SCL input. When a valid tran-
sition on SCL is recognized, the device will switch into
the Bidirectional mode and look for its control byte to be
sent by the master. If it detects its control byte, it will
stay in the Bidirectional mode. Otherwise, it will revert
to the Transmit-Only mode after it sees 128 VCLK
pulses.
2.1
Transmit-Only Mode
The device will power-up in the Transmit-Only mode at
address 00h. This mode supports a unidirectional
2-wire protocol for continuous transmission of the first
1 Kbit of the memory array. This device requires that it
be initialized prior to valid data being sent in the Trans-
mit-Only mode (Section 2.2). In this mode, data is
transmitted on the SDA pin in 8-bit bytes, with each
byte followed by a ninth, Null bit (Figure 2-1). The clock
source for the Transmit-Only mode is provided on the
VCLK pin, and a data bit is output on the rising edge on
this pin. The eight bits in each byte are transmitted
Most Significant bit first. Each byte within the memory
array will be output in sequence. After address 7Fh in
the memory array is transmitted, the internal Address
Pointers will wrap-around to the first memory location
(00h) and continue. The Bidirectional mode Clock
(SCL) pin must be held high for the device to remain in
the Transmit-Only mode.
2.2
Initialization Procedure
After VCC has stabilized, the device will be in the
Transmit-Only mode. Nine clock cycles on the VCLK
pin must be given to the device for it to perform internal
sychronization. During this period, the SDA pin will be
in a high-impedance state. On the rising edge of the
tenth clock cycle, the device will output the first valid
data bit which will be the Most Significant bit in address
00h. (Figure 2-2).
FIGURE 2-1:
TRANSMIT-ONLY MODE
FIGURE 2-2:
DEVICE INITIALIZATION
SCL
SDA
VCLK
TVAA
TVAA
Bit 1 (LSB)
Null Bit
Bit 1 (MSB)
Bit 7
TVLOW
TVHIGH
TVAA
TVAA
Bit 8
Bit 7
High-Impedance for 9 Clock Cycles
TVPU
12
8
9
10
11
SCL
SDA
VCLK
Vcc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com