Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74ACT7813 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # SN74ACT7813
Description  64 x18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ACT7813 Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN74ACT7813 Datasheet HTML 6Page - Texas Instruments SN74ACT7813 Datasheet HTML 7Page - Texas Instruments SN74ACT7813 Datasheet HTML 8Page - Texas Instruments SN74ACT7813 Datasheet HTML 9Page - Texas Instruments SN74ACT7813 Datasheet HTML 10Page - Texas Instruments SN74ACT7813 Datasheet HTML 11Page - Texas Instruments SN74ACT7813 Datasheet HTML 12Page - Texas Instruments SN74ACT7813 Datasheet HTML 13Page - Texas Instruments SN74ACT7813 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
SN74ACT7813
64
× 18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SCAS199B – JANUARY 1991 – REVISED APRIL 1998
10
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
timing requirements over recommended operating conditions (unless otherwise noted) (see
Figure 5)
’ACT7813-15
’ACT7813-20
’ACT7813-25
’ACT7813-40
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
fclock
Clock frequency
67
50
40
25
MHz
WRTCLK high or low
6
7
8
12
tw
Pulse duration
RDCLK high or low
6
7
8
12
ns
PEN low
8
9
9
12
D0–D17 before WRTCLK
↑
4
5
5
5
WRTEN1, WRTEN2
before WRTCLK
↑
4
5
5
5
t
Setup time
OE1, OE2 before RDCLK
↑
5
5
6
6
ns
tsu
Setup time
RDEN before RDCLK
↑
4
5
5
5
ns
Reset: RESET low before
first WRTCLK
↑ and RDCLK↑†
5
6
6
6
PEN before WRTCLK
↑
5
6
6
6
D0–D17 after WRTCLK
↑
0
0
0
0
WRTEN1, WRTEN2
after WRTCLK
↑
0
0
0
0
th
Hold time
OE1, OE2, RDEN after RDCLK
↑
0
0
0
0
ns
th
Hold time
Reset: RESET low after
fourth WRTCLK
↑ and RDCLK↑†
2
2
2
2
ns
PEN high after WRTCLK
↓
0
0
0
0
PEN low after WRTCLK
↑
2
2
2
2
† To permit the clock pulse to be utilized for reset purposes
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature, CL = 50 pF (see Figure 5)
PARAMETER
FROM
TO
’ACT7813-15
’ACT7813-20
’ACT7813-25
’ACT7813-40
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
TYP‡
MAX
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
fmax
WRTCLK or
RDCLK
67
50
40
25
MHz
tpd
RDCLK
↑
Any Q
4
9.5
12
4
13
4
15
4
20
ns
tpd§
RDCLK
↑
Any Q
8.5
ns
WRTCLK
↑
IR
3
8.5
3
11
3
13
3
15
t d
RDCLK
↑
OR
3
8.5
3
11
3
13
3
15
ns
tpd
WRTCLK
↑
AF/AE
7
16.5
7
19
7
21
7
23
ns
RDCLK
↑
AF/AE
7
17
7
19
7
21
7
23
tPLH
WRTCLK
↑
HF
7
15
7
17
7
19
7
21
ns
tPHL
RDCLK
↑
HF
7
15.5
7
18
7
20
7
22
ns
tPLH
RESET low
AF/AE
2
9
2
11
2
13
2
15
ns
tPHL
RESET low
HF
2
10
2
12
2
14
2
16
ns
ten
OE1, OE2
Any Q
2
8.5
2
11
2
11
2
11
ns
tdis
OE1, OE2
Any Q
2
9.5
2
11
2
14
2
14
ns
‡ All typical values are at VCC = 5 V, TA = 25°C.
§ This parameter is measured with a 30-pF load (see Figure 6).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com