Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC30F0010AT-20E/S Datasheet(PDF) 95 Page - Microchip Technology

Part # DSPIC30F0010AT-20E/S
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F0010AT-20E/S Datasheet(HTML) 95 Page - Microchip Technology

Back Button DSPIC30F0010AT-20E/S Datasheet HTML 91Page - Microchip Technology DSPIC30F0010AT-20E/S Datasheet HTML 92Page - Microchip Technology DSPIC30F0010AT-20E/S Datasheet HTML 93Page - Microchip Technology DSPIC30F0010AT-20E/S Datasheet HTML 94Page - Microchip Technology DSPIC30F0010AT-20E/S Datasheet HTML 95Page - Microchip Technology DSPIC30F0010AT-20E/S Datasheet HTML 96Page - Microchip Technology DSPIC30F0010AT-20E/S Datasheet HTML 97Page - Microchip Technology DSPIC30F0010AT-20E/S Datasheet HTML 98Page - Microchip Technology DSPIC30F0010AT-20E/S Datasheet HTML 99Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 236 page
background image
© 2007 Microchip Technology Inc.
DS70150C-page 93
dsPIC30F6010A/6015
15.0
MOTOR CONTROL PWM
MODULE
This module simplifies the task of generating multiple,
synchronized Pulse-Width Modulated (PWM) outputs.
In particular, the following power and motion control
applications are supported by the PWM module:
• Three Phase AC Induction Motor
• Switched Reluctance (SR) Motor
• Brushless DC (BLDC) Motor
• Uninterruptible Power Supply (UPS)
The PWM module has the following features:
• 8 PWM I/O pins with 4 duty cycle generators
• Up to 16-bit resolution
• ‘On-the-Fly’ PWM frequency changes
• Edge and Center-Aligned Output modes
• Single Pulse Generation mode
• Interrupt support for asymmetrical updates in
Center-Aligned mode
• Output override control for Electrically
Commutative Motor (ECM) operation
• ‘Special Event’ comparator for scheduling other
peripheral events
• Fault pins to optionally drive each of the PWM
output pins to a defined state
• Duty cycle updates are configurable to be
immediate or synchronized to the PWM time base
This module contains 4 duty cycle generators, num-
bered 1 through 4. The module has 8 PWM output pins,
numbered PWM1H/PWM1L through PWM4H/PWM4L.
The eight I/O pins are grouped into high/low numbered
pairs, denoted by the suffix H or L, respectively. For
complementary loads, the low PWM pins are always
the complement of the corresponding high I/O pin.
The PWM module allows several modes of operation
which are beneficial for
specific
power control
applications.
Note: This data sheet summarizes features of this
group of dsPIC30F devices and is not intended to be
a complete reference source. For more information
on the CPU, peripherals, register descriptions and
general device functionality, refer to the “dsPIC30F
Family Reference Manual” (DS70046).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com