Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5704PAPR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5704PAPR
Description  20-W Stereo Digital Audio Power Amplifier With Feedback
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5704PAPR Datasheet(HTML) 2 Page - Texas Instruments

  TAS5704PAPR Datasheet HTML 1Page - Texas Instruments TAS5704PAPR Datasheet HTML 2Page - Texas Instruments TAS5704PAPR Datasheet HTML 3Page - Texas Instruments TAS5704PAPR Datasheet HTML 4Page - Texas Instruments TAS5704PAPR Datasheet HTML 5Page - Texas Instruments TAS5704PAPR Datasheet HTML 6Page - Texas Instruments TAS5704PAPR Datasheet HTML 7Page - Texas Instruments TAS5704PAPR Datasheet HTML 8Page - Texas Instruments TAS5704PAPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
SDIN1
SDIN2
LRCLK
SCLK
MCLK
MUTE
RESET
PDN
PLL_FLTM
PLL_FLTP
DVDD/AVDD
AVCC/PVCC
OUT_A
OUT_A
OUT_C
OUT_B
OUT_B
OUT_D
BST_A
BST_A
BST_C
BST_B
BST_B
BST_D
3.3V
10V–26V
10V–26V
FORMATx(3pins)
Digital
Audio
Source
(TAS3x08)
Control
Inputs
LC
BTL*
LC
BTL*
Left
Right
Subwoofer
TAS5601
B0264-02
Loop
Filter
BKND_ERR
VALID
SUB_PWM–
SUB_PWM+
PWM_BP
PWM_AP
PWM_BN
PWM_AN
FAULT
RESET
LC
BTL*
*Referto TI ApplicationNote(SLOA119)onLCfilterdesignforBTL (AD/BDmode)configuration.
CONFIG_x(2pins)
GAIN_x(2pins)
TAS5704
SLOS563A – MARCH 2008 – REVISED AUGUST 2010
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
SIMPLIFIED APPLICATION DIAGRAMS
Bridge-Tied Load (BTL) Mode
2
Submit Documentation Feedback
Copyright © 2008–2010, Texas Instruments Incorporated
Product Folder Link(s): TAS5704



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com