Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54LS14 Datasheet(PDF) 3 Page - Texas Instruments

Part # 54LS14
Description  54LS14 Hex Inverters with Schmitt Trigger Inputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

54LS14 Datasheet(HTML) 3 Page - Texas Instruments

  54LS14 Datasheet HTML 1Page - Texas Instruments 54LS14 Datasheet HTML 2Page - Texas Instruments 54LS14 Datasheet HTML 3Page - Texas Instruments 54LS14 Datasheet HTML 4Page - Texas Instruments 54LS14 Datasheet HTML 5Page - Texas Instruments 54LS14 Datasheet HTML 6Page - Texas Instruments 54LS14 Datasheet HTML 7Page - Texas Instruments 54LS14 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Absolute Maximum Ratings (Note)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage
7V
Input Voltage
7V
Operating Free Air Temperature Range
54LS
b
55 Cto a125 C
DM74LS
0 Cto a70 C
Storage Temperature Range
b
65 Cto a150 C
Note
The ‘‘Absolute Maximum Ratings’’ are those values
beyond which the safety of the device cannot be guaran-
teed The device should not be operated at these limits The
parametric values defined in the ‘‘Electrical Characteristics’’
table are not guaranteed at the absolute maximum ratings
The ‘‘Recommended Operating Conditions’’ table will define
the conditions for actual device operation
Recommended Operating Conditions
Symbol
Parameter
54LS14
DM74LS14
Units
Min
Nom
Max
Min
Nom
Max
VCC
Supply Voltage
45
5
55
475
5
525
V
VTa
Positive-Going Input
15
16
20
14
16
19
V
Threshold Voltage (Note 1)
VTb
Negative-Going Input
06
08
11
05
08
1
V
Threshold Voltage (Note 1)
HYS
Input Hysteresis (Note 1)
04
08
04
08
V
IOH
High Level Output Current
b
04
b
04
mA
IOL
Low Level Output Current
4
8
mA
TA
Free Air Operating Temperature
b
55
125
0
70
C
Electrical Characteristics over recommended operating free air temperature range (unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(Note 2)
VI
Input Clamp Voltage
VCC e Min II eb18 mA
b
15
V
VOH
High Level Output
VCC e Min IOH e Max
54LS
25
34
V
Voltage
VIL e Max
DM74
27
34
VOL
Low Level Output
VCC e Min IOL e Max
54LS
025
04
Voltage
VIH e Min
DM74
035
05
V
VCC e Min IOL e 4 mA
DM74
025
04
ITa
Input Current at
VCC e 5V VI e VTa
DM74
b
014
mA
Positive-Going Threshold
ITb
Input Current at
VCC e 5V VI e VTb
DM74
b
018
mA
Negative-Going Threshold
II
Input Current
Max
VCC e Max VI e 7V
DM74
01
mA
Input Voltage
VCC e Max VI e 100V
54LS
IIH
High Level Input Current
VCC e Max VI e 27V
20
m
A
IIL
Low Level Input Current
VCC e Max VI e 04V
b
04
mA
IOS
Short Circuit
VCC e Max
54LS
b
20
b
100
mA
Output Current
(Note 3)
DM74
b
20
b
100
ICCH
Supply Current with
VCC e Max
86
16
mA
Outputs High
ICCL
Supply Current with
VCC e Max
12
21
mA
Outputs Low
Note 1
VCC e 5V
Note 2
All typicals are at VCC e 5V TA e 25 C
Note 3
Not more than one output should be shorted at a time and the duration should not exceed one second
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com