Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74F573 Datasheet(PDF) 2 Page - Texas Instruments

Part # 74F573
Description  54F573 74F573 Octal D-Type Latch with TRI-STATE(RM) Outputs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74F573 Datasheet(HTML) 2 Page - Texas Instruments

  74F573 Datasheet HTML 1Page - Texas Instruments 74F573 Datasheet HTML 2Page - Texas Instruments 74F573 Datasheet HTML 3Page - Texas Instruments 74F573 Datasheet HTML 4Page - Texas Instruments 74F573 Datasheet HTML 5Page - Texas Instruments 74F573 Datasheet HTML 6Page - Texas Instruments 74F573 Datasheet HTML 7Page - Texas Instruments 74F573 Datasheet HTML 8Page - Texas Instruments 74F573 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
TLF9566
August 1995
54F74F573
Octal D-Type Latch with TRI-STATE
Outputs
General Description
The ’F573 is a high speed octal latch with buffered common
Latch Enable (LE) and buffered common Output Enable
(OE) inputs
This device is functionally identical to the ’F373 but has
different pinouts
Features
Y
Inputs and outputs on opposite sides of package
allowing easy interface with microprocessors
Y
Useful as input or output port for microprocessors
Y
Functionally identical to ’F373
Y
TRI-STATE outputs for bus interfacing
Y
Guaranteed 4000V minimum ESD protection
Commercial
Military
Package
Package Description
Number
74F573PC
N20A
20-Lead (0300 Wide) Molded Dual-In-Line
54F573DM (Note 2)
J20A
20-Lead Ceramic Dual-In-Line
74F573SC (Note 1)
M20B
20-Lead (0300 Wide) Molded Small Outline JEDEC
74F573SJ (Note 1)
M20D
20-Lead (0300 Wide) Molded Small Outline EIAJ
54F573FM (Note 2)
W20A
20-Lead Cerpak
54F573LM (Note 2)
E20A
20-Lead Ceramic Leadless Chip Carrier Type C
Note 1
Devices also available in 13
reel Use suffix e SCX and SJX
Note 2
Military grade device with environmental and burn-in processing Use suffix e DMQB FMQB and LMQB
Logic Symbols
TLF9566 – 1
IEEEIEC
TLF9566 – 4
Connection Diagrams
Pin Assignment for
DIP SOIC and Flatpak
TLF9566 – 2
Pin Assignment
for LCC
TLF9566 – 3
TRI-STATE
is a registered trademark of National Semiconductor Corporation
C1995 National Semiconductor Corporation
RRD-B30M115Printed in U S A



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com