Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320C6472ECTZ7 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6472ECTZ7
Description  TMS320C6472 Fixed-Point Digital Signal Processor
PDF  269 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6472ECTZ7 Datasheet(HTML) 1 Page - Texas Instruments

  TMS320C6472ECTZ7 Datasheet HTML 1Page - Texas Instruments TMS320C6472ECTZ7 Datasheet HTML 2Page - Texas Instruments TMS320C6472ECTZ7 Datasheet HTML 3Page - Texas Instruments TMS320C6472ECTZ7 Datasheet HTML 4Page - Texas Instruments TMS320C6472ECTZ7 Datasheet HTML 5Page - Texas Instruments TMS320C6472ECTZ7 Datasheet HTML 6Page - Texas Instruments TMS320C6472ECTZ7 Datasheet HTML 7Page - Texas Instruments TMS320C6472ECTZ7 Datasheet HTML 8Page - Texas Instruments TMS320C6472ECTZ7 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 269 page
background image
TMS320C6472
www.ti.com
SPRS612G
– JUNE 2009 – REVISED JULY 2011
TMS320C6472 Fixed-Point Digital Signal Processor
1
Features
1
Congestion Control
• Six On-Chip TMS320C64x+ Megamodules
•
IEEE 1149.6 Compliant I/Os
• Endianess: Little Endian, Big Endian
– UTOPIA
• C64x+ Megamodule Main Features:
•
UTOPIA Level 2 Slave ATM Controller
– High-Performance, Fixed-Point
TMS320C64x+ DSP
•
8/16-Bit Transmit and Receive
Operations up to 50 MHz per Direction
– 500/625/700 MHz
•
User-Defined Cell Format up to 64 Bytes
– Eight 32-Bit Instructions/Cycle
– Two 10/100/1000 Mb/s Ethernet MACs
– 4000 MIPS/MMACS (16-Bits) at 500 MHz
(EMACs)
– Dedicated SPLOOP Instruction
•
Both EMACs are IEEE 802.3 Compliant
– Compact Instructions (16-Bit)
•
EMAC0 Supports:
– Instruction Set Enhancements
– MII, RMII, SS-SMII, GMII, and RGMII
– Exception Handling
– 8 Independent Transmit (TX)
– L1/L2 Memory Architecture:
Channels
•
256K-Bit (32K-Byte) L1P Program
– 8 Independent Receive (RX)
RAM/Cache [Direct Mapped, Flexible
Channels
Allocation]
•
EMAC1 Supports:
•
256K-Bit (32K-Byte) L1D RAM/Cache
– RMII, SS-SMII and RGMII
[2-Way Set-Associative, Flexible
Allocation]
– 8 Independent Transmit (TX)
Channels
•
4.75M-Bit (608K-Byte) L2 Unified Mapped
RAM/Cache [4-Way Set-Associative,
– 8 Independent Receive (RX)
Flexible Allocation]
Channels
•
L1P Memory Controller
•
Both EMACs (EMAC0 and EMAC1) Share
MDIO Interface
•
L1D Memory Controller
– 16-Bit Host-Port Interface (HPI)
•
L2 Memory Controller
– One Inter-Integrated Circuit (I2C) Bus
– Time Stamp Counter
– Six Shared 64-Bit General-Purpose Timers
– One 64-Bit General-Purpose/Watchdog Timer
• System PLL and PLL Controller
• Shared Peripherals and Interfaces
• Secondary PLL and PLL Controller, Dedicated
– EDMA Controller
to EMAC
(64 Independent Channels)
• Third PLL and PLL Controller Dedicated to
– Shared Memory Architecture
DDR2 Memory Controller
•
Shared L2 Memory Controller
• 16 General-Purpose I/O (GPIO) Pins
•
768K-Byte of RAM
• IEEE-1149.1 (JTAG™)
•
Boot ROM
Boundary-Scan-Compatible
– Three Telecom Serial Interface Ports (TSIPs)
• 737-Pin Ball Grid Array (BGA) Package
•
Each TSIP is 8 Links of 8 Mbps per
(CTZ or ZTZ Suffix), 0.8-mm Ball Pitch
Direction
• 0.09-μm/7-Level Cu Metal Process (CMOS)
– 32-Bit DDR2 Memory Controller (DDR2-533
• 3.3-, 1.8-, 1.5-, 1.2-V I/O Supplies
SDRAM)
• 1.0-/1.1-, 1.2-V Core Supplies
•
256 M-Byte x 2 Addressable Memory
• Commercial Temperature [0°C to 85°C]
Space
• Extended Temperature [-40°C to 100°C]
– Two 1x Serial RapidIO® Links,
v1.2 Compliant
•
1.25-, 2.5-, 3.125-Gbps Link Rates
•
Message Passing, DirectIO Support,
Error Management Extensions, and
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCT PREVIEW information concerns products in the formative
Copyright © 2009–2011, Texas Instruments Incorporated
or design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right
to change or discontinue these products without notice.


Similar Part No. - TMS320C6472ECTZ7

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6472ECTZ TI1-TMS320C6472ECTZ Datasheet
1Mb / 269P
TMS320C6472 Fixed-Point Digital Signal Processor
More results

Similar Description - TMS320C6472ECTZ7

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320LC549 TI-TMS320LC549 Datasheet
791Kb / 61P
FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320VC5410 TI-TMS320VC5410 Datasheet
1Mb / 79P
FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320VC5420 TI-TMS320VC5420 Datasheet
1Mb / 77P
FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320VC549 TI-TMS320VC549 Datasheet
787Kb / 60P
FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320VC549 TI-TMS320VC549_06 Datasheet
863Kb / 63P
FIXED-POINT DIGITAL SIGNAL PROCESSOR
SMJ320LC549 TI-SMJ320LC549 Datasheet
888Kb / 52P
FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320VC5506 TI-TMS320VC5506 Datasheet
1Mb / 120P
Fixed-Point Digital Signal Processor
TMS320VC5504 TI-TMS320VC5504 Datasheet
1Mb / 128P
Fixed-Point Digital Signal Processor
TMS320LC549PGE-80 TI1-TMS320LC549PGE-80 Datasheet
818Kb / 63P
FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320C6472 TI1-TMS320C6472_16 Datasheet
1Mb / 269P
TMS320C6472 Fixed-Point Digital Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com