Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP3071 Datasheet(PDF) 21 Page - Texas Instruments

Part # TP3071
Description  TP3070, TP3071, TP3070-X COMBO II Programmable PCM CODEC/Filter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TP3071 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TP3071 Datasheet HTML 17Page - Texas Instruments TP3071 Datasheet HTML 18Page - Texas Instruments TP3071 Datasheet HTML 19Page - Texas Instruments TP3071 Datasheet HTML 20Page - Texas Instruments TP3071 Datasheet HTML 21Page - Texas Instruments TP3071 Datasheet HTML 22Page - Texas Instruments TP3071 Datasheet HTML 23Page - Texas Instruments TP3071 Datasheet HTML 24Page - Texas Instruments TP3071 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
Transmission Characteristics (Continued)
Unless otherwise noted, limits printed in BOLD characters are guaranteed for V
CC = +5V ±5%,VBB = −5V ±5%;TA = 0˚C to
+70˚C (−40˚C to +85˚C for TP3070-X) by correlation with 100% electrical testing at T
A = 25˚C. f = 1015.625 Hz, VFXI =
0 dBm0, D
R0orDR1 = 0 dBm0 PCM code. Transmit and receive gains programmed for maximum 0 dBm0 test levels (0 dB
gain), hybrid balance filter disabled. All other limits are assured by correlation with other production tests and/or product de-
sign and characterization. All signals referenced to GND. Typicals specified at V
CC = +5V, VBB = −5V, TA = 25˚C.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
NOISE
PPSR
R
Positive Power Supply
PCM Code Equals Positive Zero
Rejection, Receive
V
CC = 5.0 VDC + 100 mVrms
Measure VF
RO
f = 0 Hz–4000 Hz
36
dBC
f = 4 kHz–25 kHz
40
dB
f = 25 kHz–50 kHz
36
dB
NPSR
R
Negative Power Supply
PCM Code Equals Positive Zero
Rejection, Receive
V
BB = −5.0 VDC + 100 mVrms
Measure VF
RO
f = 0 Hz–4000 Hz
36
dBC
f = 4 kHz–25kHz
40
dB
f = 25 kHz–50 kHz
36
dB
SOS
Spurious Out-of-Band
0 dBm0, 300 Hz to 3400 Hz Input PCM
Signals at the Channel
Code Applied at D
R0 (or DR1)
Output
4600 Hz–7600 Hz
−30
dB
7600 Hz–8400 Hz
−40
dB
8400 Hz–50,000 Hz
−30
dB
DISTORTION
STD
X
Signal to Total Distortion
Sinusoidal Test Method
STD
R
Transmit or Receive
Level = 3.0 dBm0
33
dBC
Half-Channel, µ-law Selected
= 0 dBm0 to − 30 dBm0
36
dBC
= −40 dBm0
30
dBC
= −45 dBm0
25
dBC
STD
RL
Signal to Total Distortion
Sinusoidal Test Method
Receive with
Level = +3.1 dBm0
Resistive Load
R
L = 600Ω,GR = −0.5 dB
33
dBC
R
L = 300Ω,GR = −1.2 dB
33
dBC
SFD
X
Single Frequency
−46
dB
Distortion, Transmit
SFD
R
Single Frequency
−46
dB
Distortion, Receive
IMD
Intermodulation Distortion
Transmit or Receive
Two Frequencies in the Range
−41
dB
300 Hz–3400 Hz
www.national.com
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com