Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB41AB1 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TSB41AB1
Description  IEEE 1394a-200 ONE-PORT CCABLE TRANNS CEIVER ARBITER
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB41AB1 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TSB41AB1 Datasheet HTML 9Page - Texas Instruments TSB41AB1 Datasheet HTML 10Page - Texas Instruments TSB41AB1 Datasheet HTML 11Page - Texas Instruments TSB41AB1 Datasheet HTML 12Page - Texas Instruments TSB41AB1 Datasheet HTML 13Page - Texas Instruments TSB41AB1 Datasheet HTML 14Page - Texas Instruments TSB41AB1 Datasheet HTML 15Page - Texas Instruments TSB41AB1 Datasheet HTML 16Page - Texas Instruments TSB41AB1 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 70 page
background image
TSB41AB1
IEEE 1394a2000 ONEPORT CABLE
TRANSCEIVER/ARBITER
SLLS423I − JUNE 2000 − REVISED MARCH 2005
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
Terminal Functions (Continued)
TERMINAL
NAME
NUMBER
TYPE
I/O
DESCRIPTION
NAME
PAP
PHP
GQE
ZQE
TYPE
I/O
DESCRIPTION
NC
C4, C6,
C7, D7,
F3, F8,
G3, G4,
G8, H8
F8,
G8,
H8
−
−
Each of these terminals is not connected to the silicon device.
NC:
Group 1
B4, C5,
D3, D4,
D5, E3,
E4
B4,
D5,
E4
Supply
−
Each of these terminals is not connected to the silicon device, but they
are connected to each other. It is recommended this group of terminals
be used for a via connection to the GND plane in application board.
NC:
Group 2
D6, E5,
E6, E7,
E8, F6,
F7
D6,
E5,
E6,
E8,
F6
Supply
−
Each of these terminals is not connected to the silicon device, but they
are connected to each other. It is recommended this group of terminals
be used for a via connection to the VDD−supply plane in application
board.
NC:
Group 3
F4, F5,
H3
F4,
F5,
H3
Supply
−
Each of these terminals is not connected to the silicon device, but they
are connected to each other. It is recommended this group of terminals
be used for a via connection to the GND plane in application board.
NC:
Group 4
G5, G6,
G7
−
Supply
−
Each of these terminals are not connected to the silicon device, but they
are connected to each other. It is recommended this group of terminals
be used for a via connection to the VDD−supply plane in application
board.
PC0
PC1
PC2
20
21
22
16
17
18
J2
J3
J4
J2
J3
J4
CMOS
I
Power class programming inputs. On hardware reset, these inputs set
the default value of the power class indicated during self-ID.
Programming is done by tying these terminals high or low. See Table 9
for encoding.
PD
14
12
G2
G2
CMOS
I
Power-down input. A high on this terminal turns off all internal circuitry
except the cable-active monitor circuits, which control the CNA output
(64-terminal PAP package only). Asserting the PD input high also
activates an internal pulldown on the RESET terminal to force a reset of
the internal control logic. (PD is provided for legacy compatibility and is
not recommended for power management in place of IEEE 1394a-2000
suspend/resume LPS and C/LKON features.)
PLLGND
57, 58
41
A6, B5
A6,
B5
Supply
−
PLL circuit ground terminals. These terminals should be tied together to
the low-impedance circuit board ground plane.
PLLVDD
56
40
B6
B6
Supply
−
PLL circuit power terminals. A combination of high-frequency decoupling
capacitors near each terminal is suggested, such as paralleled 0.1
µF
and 0.001
µF. Lower frequency 10-µF filtering capacitors are also
recommended. This supply terminal is separated from DVDD and AVDD
inside the device to provide noise isolation. It should be tied at a
low-impedance point on the circuit board.
R0
R1
40
41
33
34
D8
C9
D8
C9
Bias
−
Current setting resistor terminals. These terminals are connected
through an external resistor to set the internal operating currents and
cable driver output currents. A resistance of 6.34 k
Ω ±1.0% is required
to meet the IEEE Std 1394-1995 output voltage limits.
NOTE: It is strongly recommended that signals tied to VDD use a 1-kΩ resistor (minimum). Tying signals directly to VCC may result in ESD failures.
Signals tied to ground may be tied directly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com