Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB2046B Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB2046B
Description  4-PORT HUB FOR THE UNIVERSAL SERIAL BUSWITH OPTIONAL SERIAL EEPROM INTERFACE
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB2046B Datasheet(HTML) 3 Page - Texas Instruments

  TUSB2046B Datasheet HTML 1Page - Texas Instruments TUSB2046B Datasheet HTML 2Page - Texas Instruments TUSB2046B Datasheet HTML 3Page - Texas Instruments TUSB2046B Datasheet HTML 4Page - Texas Instruments TUSB2046B Datasheet HTML 5Page - Texas Instruments TUSB2046B Datasheet HTML 6Page - Texas Instruments TUSB2046B Datasheet HTML 7Page - Texas Instruments TUSB2046B Datasheet HTML 8Page - Texas Instruments TUSB2046B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
SUSPND
XTAL1
XTAL2
RESET
TSTPLL/48MCLK
EEDATA/GANGED
EECLK
10, 14, 18, 22
8
5
6
26
4
29
30
27
32
1
2
24
23
20
19
16
15
12
11
9, 13, 17, 21
BUSPWR
OVRCUR1
OVRCUR4
–
PWRON1
PWRON4
–
EXTMEM
DP0
DP4
DP3
DP2
DP1
DM0
DM4
DM3
DM2
DM1
USB
Transceiver
Suspend/Resume
Logic and
Frame Timer
HUB Repeater
SIE
USB
Transceiver
USB
Transceiver
USB
Transceiver
USB
Transceiver
OSC/PLL
Serial
EEPROM
Interface
Hub/Device
Command
Decoder
Port 4
Logic
Port 3
Logic
Port 2
Logic
Port 1
Logic
SIE Interface
Logic
Hub
Power
Logic
TUSB2046B
TUSB2046BI
www.ti.com
SLLS413I – FEBRUARY 2000 – REVISED SEPTEMBER 2013
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
TUSB2046BVF
Reel of 250
TUSB2046BVFG4
0°C to 70°C
LQFP – VF
TUSB2046B
TUSB2046BVFR
Reel of 1000
TUSB2046BVFRG4
TUSB2046BIVFR
LQFP – VF
Reel of 1000
USB2046BI
TUSB2046BIVFRG4
–40°C to 85°C
Reel of 250
TUSB2046BIRHB
TUSB
QFN – RHB
Reel of 3000
TUSB2046BIRHBR
2046BI
Reel of 250
TUSB2046BIRHBT
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
FUNCTIONAL BLOCK DIAGRAM
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TUSB2046B TUSB2046BI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com