Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UA741MFKB Datasheet(PDF) 3 Page - Texas Instruments

Part # UA741MFKB
Description  GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UA741MFKB Datasheet(HTML) 3 Page - Texas Instruments

  UA741MFKB Datasheet HTML 1Page - Texas Instruments UA741MFKB Datasheet HTML 2Page - Texas Instruments UA741MFKB Datasheet HTML 3Page - Texas Instruments UA741MFKB Datasheet HTML 4Page - Texas Instruments UA741MFKB Datasheet HTML 5Page - Texas Instruments UA741MFKB Datasheet HTML 6Page - Texas Instruments UA741MFKB Datasheet HTML 7Page - Texas Instruments UA741MFKB Datasheet HTML 8Page - Texas Instruments UA741MFKB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
µA741, µA741Y
GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
SLOS094B – NOVEMBER 1970 – REVISED SEPTEMBER 2000
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
µA741Y chip information
This chip, when properly assembled, displays characteristics similar to the
µA741C. Thermal compression or
ultrasonic bonding may be used on the doped-aluminum bonding pads. Chips may be mounted with conductive
epoxy or a gold-silicon preform.
BONDING PAD ASSIGNMENTS
CHIP THICKNESS: 15 TYPICAL
BONDING PADS: 4
× 4 MINIMUM
TJmax = 150°C.
TOLERANCES ARE
±10%.
ALL DIMENSIONS ARE IN MILS.
+
–
OUT
IN +
IN –
VCC+
(7)
(3)
(2)
(6)
(4)
VCC –
(5)
(1)
OFFSET N2
OFFSET N1
45
36
(1)
(8)
(7)
(6)
(5)
(4)
(3)
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com